Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

92HD005 Datasheet (PDF) - Integrated Device Technology

92HD005 Datasheet PDF - Integrated Device Technology
Part # 92HD005
Download  92HD005 Download
File Size   2673.28 Kbytes
Page   205 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE

92HD005 Datasheet (PDF)

Go To PDF Page Download Datasheet
92HD005 Datasheet PDF - Integrated Device Technology

Part # 92HD005
Download  92HD005 Click to download

File Size   2673.28 Kbytes
Page   205 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE

92HD005 Datasheet (HTML) - Integrated Device Technology


92HD005 Product details

Description
The 92HD005/92HD005D are high fidelity, 4-channel HD Audio CODECs that enable 2.0 Audio with simultaneous Real-Time Communication such as VoIP, conferencing, voice command and control, etc. Up to four digital microphones are supported, enabling high quality voice input for increased usability of voice applications.

Features
• High performance SD technology
    • 95dB DAC SNR
    • 90dB ADC SNR
• Two stereo DACs and two stereo ADCs
    • Supports 2.0 Audio with simultaneous Real-Time Communication (RTC) channel such as VoIP or separate stereo audio stream
    • Provides mono output for laptop sub-woofer
• 24-bit resolution with up to 192 KHz sample rates
• Supports advanced chipsets with flexible 1.5 V to 3.3 V signaling
• Digital microphone interface
    • Direct interface to up to four digital microphones
• Analog stereo microphone
    • Microphone Boost 0, 10, 20, 30, 40dB
    • Five adjustable Vref outputs for microphone bias
• Universal Jacks™ functionality for jack retasking
• S/PDIF In and Out
• Two-pin volume up/down control
• Digital PC Beep to all outputs
• +3.3 V and +5 V analog power supply options
• Optimized and flexible power management
• 48-pin LQFP and 48-pad QFN environmental package




Similar Part No. - 92HD005

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
92HD001 IDT-92HD001 Datasheet
1Mb / 126P
2-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD001DX3PRGXYYX IDT-92HD001DX3PRGXYYX Datasheet
1Mb / 126P
2-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD001DX5PRGXYYX IDT-92HD001DX5PRGXYYX Datasheet
1Mb / 126P
2-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD001XX3PRGXYYX IDT-92HD001XX3PRGXYYX Datasheet
1Mb / 126P
2-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD001XX5PRGXYYX IDT-92HD001XX5PRGXYYX Datasheet
1Mb / 126P
2-CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Similar Description - 92HD005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1983 AD-AD1983 Datasheet
427Kb / 16P
HD Audio SoundMAX Codec
4/06-Revision 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
HD Audio SoundMAX Codec
6/05-Revision 0
logo
Integrated Device Techn...
92HD71B7 IDT-92HD71B7 Datasheet
2Mb / 216P
4-CHANNEL HD AUDIO CODEC OPTIMIZED FOR LOW POWER
STAC9204 IDT-STAC9204 Datasheet
2Mb / 213P
4-CHANNEL HD AUDIO CODEC WITH QUAD DIGITAL MICROPHONE INTERFACE
STAC9250 IDT-STAC9250 Datasheet
1,018Kb / 137P
TWO-CHANNEL HD AUDIO CODEC WITH MODEM & DUAL DIGITAL MICROPHONE INTERFACES
logo
Asahi Kasei Microsystem...
AK4618 AKM-AK4618 Datasheet
1Mb / 60P
192kHz 24-bit 6ch/12ch Audio CODEC with Microphone Interface
AK4618VQ AKM-AK4618VQ Datasheet
1Mb / 60P
192kHz 24-bit 6ch/12ch Audio CODEC with Microphone Interface
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
7.12 CHANNEL HD AUDIO CODEC
ALC892 REALTEK-ALC892 Datasheet
1Mb / 89P
7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com