Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7B9930V-5AI Datasheet (PDF) - Cypress Semiconductor

CY7B9930V-5AI Datasheet PDF - Cypress Semiconductor
Part # CY7B9930V-5AI
Download  CY7B9930V-5AI Download
File Size   158.34 Kbytes
Page   9 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description High-Speed Multi-Frequency PLL Clock Buffer

CY7B9930V-5AI Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7B9930V-5AI Datasheet PDF - Cypress Semiconductor

Part # CY7B9930V-5AI
Download  CY7B9930V-5AI Click to download

File Size   158.34 Kbytes
Page   9 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description High-Speed Multi-Frequency PLL Clock Buffer

CY7B9930V-5AI Datasheet (HTML) - Cypress Semiconductor


CY7B9930V-5AI Product details

Functional Description
The CY7B9930V and CY7B9940V High-Speed Multifrequency PLL Clock Buffers offer user-selectable control over system clock functions. This multiple output clock driver provides the system integrator with functions necessary to optimize the timing of high performance computer or communication systems.

Features
■ 12–100 MHz (CY7B9930V), or 24–200 MHz (CY7B9940V) input/output operation
■ Matched pair output skew < 200 ps
■ Zero input-to-output delay
■ 10 LVTTL 50% duty-cycle outputs capable of driving 50ω terminated lines
■ Commercial temperature range with eight outputs at 200 MHz
■ Industrial temperature range with eight outputs at 200 MHz
■ 3.3V LVTTL/LV differential (LVPECL), fault-tolerant and hot insertable reference inputs
■ Multiply ratios of (1–6, 8, 10, 12)
■ Operation up to 12x input frequency
■ Individual output bank disable for aggressive power management and EMI reduction
■ Output high impedance option for testing purposes
■ Fully integrated PLL with lock indicator
■ Low cycle-to-cycle jitter (<100 ps peak-peak)
■ Single 3.3V ± 10% supply
■ 44-pin TQFP package




Similar Part No. - CY7B9930V-5AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9930V-5AI CYPRESS-CY7B9930V-5AI Datasheet
313Kb / 11P
High Speed Multifrequency PLL Clock Buffer
More results


Similar Description - CY7B9930V-5AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
High-Speed Multi-Phase PLL Clock Buffer
Revised July 25, 2003
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
High Speed Multi-phase PLL Clock Buffer
CY7B9973V CYPRESS-CY7B9973V Datasheet
167Kb / 8P
High-Speed Multi-Output PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
High-speed Multi-phase PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9930V CYPRESS-CY7B9930V_07 Datasheet
313Kb / 11P
High Speed Multifrequency PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_11 Datasheet
430Kb / 15P
High Speed Multi-phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
High Speed Multi Phase PLL Clock Buffer
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com