Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C109D-10ZXI Datasheet (PDF) - Cypress Semiconductor

CY7C109D-10ZXI Datasheet PDF - Cypress Semiconductor
Part # CY7C109D-10ZXI
Download  CY7C109D-10ZXI Download
File Size   991.16 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-Mbit (128K x 8) Static RAM

CY7C109D-10ZXI Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C109D-10ZXI Datasheet PDF - Cypress Semiconductor

Part # CY7C109D-10ZXI
Download  CY7C109D-10ZXI Click to download

File Size   991.16 Kbytes
Page   11 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-Mbit (128K x 8) Static RAM

CY7C109D-10ZXI Datasheet (HTML) - Cypress Semiconductor


CY7C109D-10ZXI Product details

Functional Description

The CY7C109D/CY7C1009D is a high-performance CMOS static RAM organized as 131,072 words by 8 bits. Easy memory expansion is provided by an active LOW Chip Enable (CE1), an active HIGH Chip Enable (CE2), an active LOW Output Enable (OE), and tri-state drivers.The eight input and output pins (IO0 through IO7) are placed in a high-impedance state when:

• Deselected (CE1 HIGH or CE2 LOW),

• Outputs are disabled (OE HIGH),

• When the write operation is active (CE1 LOW, CE2 HIGH, and WE LOW)



Features

• Pin- and function-compatible with CY7C109B/CY7C1009B

• High speed

— tAA = 10 ns

• Low active power

— ICC = 80 mA @ 10 ns

• Low CMOS standby power

— ISB2 = 3 mA

• 2.0V Data Retention

• Automatic power-down when deselected

• TTL-compatible inputs and outputs

• Easy memory expansion with CE1, CE2 and OE options

• CY7C109D available in Pb-free 32-pin 400-Mil wide Molded SOJ and 32-pin TSOP I packages. CY7C1009D available in Pb-free 32-pin 300-Mil wide Molded SOJ package




Similar Part No. - CY7C109D-10ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C109D-10ZXI CYPRESS-CY7C109D-10ZXI Datasheet
392Kb / 14P
1-Mbit (128 K 횞 8) Static RAM Low active power
CY7C109D-10ZXI CYPRESS-CY7C109D-10ZXI Datasheet
882Kb / 16P
1-Mbit (128 K × 8) Static RAM
January 16, 2015
More results


Similar Description - CY7C109D-10ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1018DV33 CYPRESS-CY7C1018DV33 Datasheet
268Kb / 9P
1-Mbit (128K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D Datasheet
343Kb / 11P
1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN Datasheet
595Kb / 12P
1-Mbit (128K x 8) Static RAM
CY62128E CYPRESS-CY62128E Datasheet
949Kb / 11P
1-Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
1 Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_09 Datasheet
600Kb / 12P
1-Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30_09 Datasheet
884Kb / 12P
1 Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33_10 Datasheet
476Kb / 10P
1-Mbit (128K x 8) Static RAM
CY7C1019DV33 CYPRESS-CY7C1019DV33_10 Datasheet
535Kb / 13P
1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_10 Datasheet
763Kb / 12P
1-Mbit (128K x 8) Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com