Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS01K4 Datasheet (PDF) - Balluff Korea Ltd.

BOS01K4 Datasheet PDF - Balluff Korea Ltd.
Part # BOS01K4
Download  BOS01K4 Download
File Size   115.57 Kbytes
Page   3 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description Photoelectric Sensors

BOS01K4 Datasheet (PDF)

Go To PDF Page Download Datasheet
BOS01K4 Datasheet PDF - Balluff Korea Ltd.

Part # BOS01K4
Download  BOS01K4 Click to download

File Size   115.57 Kbytes
Page   3 Pages
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.
Description Photoelectric Sensors

BOS01K4 Datasheet (HTML) - Balluff Korea Ltd.


BOS01K4 Product details

BOS 64K-AA-IE10-TG

Basic features
Approval/Conformity CE
UKCA
cULus
WEEE
Basic standard IEC 60947-5-2
Principle of operation Photoelectric sensor
Reference emitter BOS 64K-AA-IS10-TG
Series 64K
Style Square
Connection 45°




Similar Part No. - BOS01K4

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BOS01K2 BALLUFF-BOS01K2 Datasheet
115Kb / 3P
Photoelectric Sensors
2024-08-23
BOS01K3 BALLUFF-BOS01K3 Datasheet
115Kb / 3P
Photoelectric Sensors
2024-09-24
BOS01KM BALLUFF-BOS01KM Datasheet
109Kb / 2P
Photoelectric Sensors
2024-09-02
More results


Similar Description - BOS01K4

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com