Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS01K4 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS01K4
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS01K4 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS01K4 Datasheet HTML 1Page - Balluff Korea Ltd. BOS01K4 Datasheet HTML 2Page - Balluff Korea Ltd. BOS01K4 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOS 64K-AA-IE10-TG
Order Code: BOS01K4
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-01
Subject to change without notice: 224151
ETIM 6.0: EC002716
BOS01K4_0.82_2024-08-23
2 / 3
Environmental conditions
Ambient temperature
-25...55 °C
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
10…55 Hz, amplitude 0.5 mm,
3x30 min
IP rating
IP67
Functional safety
MTTF (40 °C)
349 a
Interface
Duration of time function
T = 0.6…16 s
Switching output
Relay NO/NC change-over contact
Time function
switch-off delay
On/off delay
Turn-on delay
Single pulse
Material
Housing material
PBT, GF30
Material sensing surface
PC
Mechanical data
Dimension
25 x 69.7 x 100.4 mm
Mounting part
Screw M4
Tightening torque max.
1.2 Nm
Optical features
Ambient light max.
5000 Lux
Light type
Infrared
Principle of optical operation
Through-beam sensor (receiver)
Switching function, optical
Light-on
dark-on
Range/Distance
Range
0...50 m
Rated operating distance Sn
50 m, Adjustable
Remarks
Order accessories separately.
Actuation object (target): gray card, 200 x 200, lateral approach.
For additional information, refer to user's guide.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
n
Wiring Diagrams (Schematic)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com