Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5348 Datasheet (PDF) - PMC-Sierra, Inc

PM5348 Datasheet PDF - PMC-Sierra, Inc
Part # PM5348
Download  PM5348 Download
File Size   948.34 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SATURN USER NETWORK INTERFACE(155.52 & 51.84 MBIT/S)

PM5348 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5348 Datasheet PDF - PMC-Sierra, Inc

Part # PM5348
Download  PM5348 Click to download

File Size   948.34 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SATURN USER NETWORK INTERFACE(155.52 & 51.84 MBIT/S)

PM5348 Datasheet (HTML) - PMC-Sierra, Inc


PM5348 Product details

DESCRIPTION
The PM5348 Dual SATURN User Network Interface (S/UNI-DUAL) is a monolithic integrated circuit that implements SONET/SDH processing and ATM mapping functions for two 155 Mbit/s or 51Mbit/s ATM User Network Interfaces. It is compliant with SONET and SDH requirements and ATM Forum User Network Interface specifications. The S/UNI-DUAL is software configurable, allowing feature selection without changes to external wiring.

FEATURES
• Single chip dual ATM User-Network Interface operating at 155.52 and 51.84 Mbit/s. Also capable of operating at ATM Forum mid-range PHY subrates of 25.92 and 12.96 Mbit/s.
• Provides essential hardware and software compatibility with industry-standard PM5346 S/UNI-LITE device.
• Implements the ATM Forum User Network Interface Specification and the ATM physical layer for Broadband ISDN according to CCITT Recommendation I.432.
• Processes two duplex 155.52 Mbit/s STS-3c/STM-1 or 51.84 Mbit/s STS-1 data streams with on-chip clock and data recovery and clock synthesis.
• Provides Saturn Compliant Interface - PHYsical layer (SCI-PHY™) FIFO buffers in both transmit and receive paths with parity support. Compatible with ATM Forum Utopia Level 2 specification. The FIFOs may be independently bypassed.
• Inserts and extracts the generic flow control (GFC) bits via a simple serial interface and provides a transmit XOFF function to allow for local flow control.
• Supports 8-bit and 16-bit multi-PHY modes and a direct dual 8-bit mode.
• Provides a generic 8-bit microprocessor bus interface for configuration, control, and status monitoring.
• Provides a 4-bit output port for external alarms and control.
• Provides a standard 5 signal IEEE 1149.1 JTAG test port for boundary scan test purposes.
• Low power, +5 Volt, CMOS technology.
• 160 pin high performance plastic quad flat pack (MQFP) 28 mm x 28 mm package.

APPLICATIONS
• Workstations and Personal Computers
• Switches and Hubs
• Routers
• SONET or SDH ATM Interfaces




Similar Part No. - PM5348

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5348 PMC-PM5348 Datasheet
66Kb / 2P
Two-Channel ATM SATURN User Network Interface
PM5348 PMC-PM5348 Datasheet
941Kb / 238P
DUAL SATURN USER NETWORK INTERFACE
PM5348-1 PMC-PM5348-1 Datasheet
941Kb / 238P
DUAL SATURN USER NETWORK INTERFACE
PM5348-RI PMC-PM5348-RI Datasheet
941Kb / 238P
DUAL SATURN USER NETWORK INTERFACE
More results


Similar Description - PM5348

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
70Kb / 2P
S/UNI-155 SATURN USER NETWORK INTERFACE
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
SATURN USER NETWORK INTERFACE
PM5346 PMC-PM5346 Datasheet
536Kb / 2P
SATURN USER NETWORK INTERFACE(155.52 & 51.84 Mbit/s)
PM5347 PMC-PM5347 Datasheet
909Kb / 2P
SATURN USER NETWORK INTERFACE PLUS(155.52 MBIT/S & 51.84 MBIT/S,
PM5350 PMC-PM5350 Datasheet
630Kb / 2P
SATURN USER NETWORK INTERFACE(155.52 & 51.84 MBIT/S)
PM5350 PMC-PM5350 Datasheet
60Kb / 2P
155 Mb/s SATURN User Network Interface
PM5381 PMC-PM5381 Datasheet
2Mb / 2P
SATURN USER NETWORK INTERFACE FOR 2488 MBIT/S
PM5381 PMC-PM5381 Datasheet
57Kb / 2P
SATURN User Network Interface for 2488 Mbit/s
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
SATURN USER NETWORK INTERFACE
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
SATURN USER NETWORK INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com