Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5381 Datasheet (PDF) - PMC-Sierra, Inc

PM5381 Datasheet PDF - PMC-Sierra, Inc
Part # PM5381
Download  PM5381 Download
File Size   2489.32 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SATURN USER NETWORK INTERFACE FOR 2488 MBIT/S

PM5381 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5381 Datasheet PDF - PMC-Sierra, Inc

Part # PM5381
Download  PM5381 Click to download

File Size   2489.32 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SATURN USER NETWORK INTERFACE FOR 2488 MBIT/S

PM5381 Datasheet (HTML) - PMC-Sierra, Inc


PM5381 Product details

DESCRIPTION
The PM5381 S/UNI-2488 SATURN User Network Interface is a monolithic integrated circuit that implements SONET/SDH processing, ATM mapping and Packet over SONET mapping functions at the STS-48 (STM-16-16c) 2488.32 Mbit/s rate.

FEATURES
General
• Single chip ATM and POS User-Network Interface operating at 2488.32 Mbit/s.
• Implements the ATM Forum User Network Interface Specification and the ATM physical layer for
   Broadband ISDN according to CCITT Recommendation I.432.
• Implements the Point-to-Point Protocol (PPP) over SONET/SDH specification according to RFC
   2615(1619)/1662 of the PPP Working Group of the Internet Engineering Task Force (IETF).
• Processes bit-serial 2488.32 Mbit/s STS-48 (STM-16-16c) data streams with on-chip clock and data
   recovery and clock synthesis.
• Complies with Bellcore GR-253-CORE jitter tolerance, jitter transfer and intrinsic jitter criteria.
• Provides termination for SONET Section, Line and Path overhead or SDH Regenerator Section,
   Multiplexer Section and High Order Path overhead.
• Provides UTOPIA Level 3 32-bit wide System Interface (clocked up to 104 MHz) with parity support
   for ATM applications.
• Provides SATURN POS-PHY Level 3™ 32-bit System Interface (clocked up to 104 MHz) for Packet
   over SONET (POS), or ATM applications.
• Supports line loopback from the line side receive stream to the transmit stream and diagnostic
   loopback from the line side transmit stream to the line side receive stream interface.
• Provides support for automatic protection switching via a 4-bit LVDS 777.76 MHz port.
• Provides a standard 5 signal IEEE 1149.1 JTAG test port for boundary scan board test purposes.
• Provides a generic 16-bit microprocessor bus interface for configuration, control, and status
   monitoring.
• Low power 1.8V CMOS core logic with 3.3V CMOS/TTL compatible digital inputs and digital outputs.
   PECL inputs and outputs are 3.3V compatible.
• Industrial temperature range (-40°C to +85°C).
• 416 pin UBGA package.

APPLICATIONS
• ATM/ Multi-service Enterprise, Access, Edge and Core switches
• Packet Over Sonet interfaces for Access, Edge and Core routers
• SONET/SDH Add/Drop Multiplexers and Terminal Multiplexers with data processing capabilities
• DWDM Optical networking equipment requiring SONET/SDH capabilities
• Network Interface Cards and Uplinks




Similar Part No. - PM5381

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5381 PMC-PM5381 Datasheet
57Kb / 2P
SATURN User Network Interface for 2488 Mbit/s
More results


Similar Description - PM5381

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
70Kb / 2P
S/UNI-155 SATURN USER NETWORK INTERFACE
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
SATURN USER NETWORK INTERFACE
PM5346 PMC-PM5346 Datasheet
536Kb / 2P
SATURN USER NETWORK INTERFACE(155.52 & 51.84 Mbit/s)
PM5347 PMC-PM5347 Datasheet
909Kb / 2P
SATURN USER NETWORK INTERFACE PLUS(155.52 MBIT/S & 51.84 MBIT/S,
PM5348 PMC-PM5348 Datasheet
948Kb / 2P
SATURN USER NETWORK INTERFACE(155.52 & 51.84 MBIT/S)
PM5350 PMC-PM5350 Datasheet
630Kb / 2P
SATURN USER NETWORK INTERFACE(155.52 & 51.84 MBIT/S)
PM5381 PMC-PM5381 Datasheet
57Kb / 2P
SATURN User Network Interface for 2488 Mbit/s
PM5392 PMC-PM5392 Datasheet
41Kb / 2P
SATURN User Network Interface for 9.953 Gbit/s
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
SATURN USER NETWORK INTERFACE
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
SATURN USER NETWORK INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com