Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5392 Datasheet (PDF) - PMC-Sierra, Inc

PM5392 Datasheet PDF - PMC-Sierra, Inc
Part # PM5392
Download  PM5392 Download
File Size   41.06 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SATURN User Network Interface for 9.953 Gbit/s

PM5392 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5392 Datasheet PDF - PMC-Sierra, Inc

Part # PM5392
Download  PM5392 Click to download

File Size   41.06 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SATURN User Network Interface for 9.953 Gbit/s

PM5392 Datasheet (HTML) - PMC-Sierra, Inc


PM5392 Product details

GENERAL DESCRIPTION
• The S/UNI-9953-POS is a single chip ATM, POS User-Network Interface operating at 9953.28 Mbit/s. The S/UNI 9953-POS is intended for use in OC-192c and high-density OC-48c POS/ATM applications.

FEATURES
• Supports framing, scrambling/
   descrambling and pointer processing
   for the following:
   • STS-192c (STM-64-64c).
   • 4 x STS-48c (4 x STM-16-16c).
   • STS-192 (STM-64) channelized
      down to STS-48c (STM-16c).
• Supports alarm signal
   insertion/detection, B1/2/3 processing
   and insertion/termination of SONET
   Section/Line/Path overhead bytes (or
   SDH equivalents).
• Provides ATM and POS payload
   processing for:
   • STS-192c (STM-64-64c)
   • 4 x STS-48c (4 x STM-16-16c).
   • STS-192 (STM-64) channelized
      down to STS-48c (STM-16c).

INTERFACES
• Provides SATURN® POS-PHY™
   Level 4 16-bit LVDS System-side
   Interface (clocked at 700 MHz
   nominal).
• Directly connects to optics via 16 bit by
   622 MHz OIF SFI-4 (OIF99.102) lineside interface.

POS/ATM
• Implements the ATM Forum User
   Network Interface Specification and
   the ATM physical layer for Broadband
   ISDN according to CCITT
   Recommendation I.432.
• Implements the Point-to-Point Protocol
   (PPP) over SONET/SDH specification
   according to RFC 2615(1619)/1662 of
   the PPP Working Group of the Internet
   Engineering Task Force (IETF).

GENERAL
• Provides internal FIFOs (16 KB
   ingress, 20 KB egress) to
   accommodate system latencies.
• Provides line-side and system-side
   loopbacks for system level diagnostic
   capability.
• Provides support for automatic
   protection switching (APS) via two 16-
   bit LVDS 777.76 MHz ports.
• Provides a generic 16-bit
   microprocessor bus interface for
   configuration, control and status
   monitoring.
• Standard 5 signal P1149.1 JTAG test port.
• Low power 1.8 V CMOS core logic with
   3.3 V CMOS/TTL compatible digital
   inputs and digital outputs.
• Industrial temperature range (-40 °C to
   +85 °C).
• 1152 pin FCBGA package.

APPLICATIONS
• Edge and Core Routers.
• Multi-Service (Multi-Protocol) Switches.
• SONET/SDH add/drop multiplexers and optical cross-connects.
• WAN and Edge ATM switches.
• Up-link cards.
• SONET/SDH ATM/POS test equipment.
• Emerging DPT, IPT and GFP applications.




Similar Part No. - PM5392

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5390 PMC-PM5390 Datasheet
100Kb / 2P
10 Gbit/s Physical Layer Device for POS, ATM and Ethernet
More results


Similar Description - PM5392

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
70Kb / 2P
S/UNI-155 SATURN USER NETWORK INTERFACE
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
SATURN USER NETWORK INTERFACE
PM5346 PMC-PM5346 Datasheet
65Kb / 2P
155 Mb/s SATURN User Network Interface for LANs
PM5347 PMC-PM5347 Datasheet
81Kb / 2P
155 Mb/s SATURN User Network Interface for WANs
PM5350 PMC-PM5350 Datasheet
60Kb / 2P
155 Mb/s SATURN User Network Interface
PM5381 PMC-PM5381 Datasheet
2Mb / 2P
SATURN USER NETWORK INTERFACE FOR 2488 MBIT/S
PM5381 PMC-PM5381 Datasheet
57Kb / 2P
SATURN User Network Interface for 2488 Mbit/s
PM5346-1 PMC-PM5346-1 Datasheet
70Kb / 11P
SATURN USER NETWORK INTERFACE (LITE)
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
SATURN USER NETWORK INTERFACE
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
SATURN USER NETWORK INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com