Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5390 Datasheet (PDF) - PMC-Sierra, Inc

PM5390 Datasheet PDF - PMC-Sierra, Inc
Part # PM5390
Download  PM5390 Download
File Size   100.05 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 10 Gbit/s Physical Layer Device for POS, ATM and Ethernet

PM5390 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5390 Datasheet PDF - PMC-Sierra, Inc

Part # PM5390
Download  PM5390 Click to download

File Size   100.05 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 10 Gbit/s Physical Layer Device for POS, ATM and Ethernet

PM5390 Datasheet (HTML) - PMC-Sierra, Inc


PM5390 Product details

GENERAL DESCRIPTION
• The S/UNI-9953 is a single chip ATM, POS and 10 Gigabit Ethernet User Network Interface operating at 9953.28 Mbit/s and 10.3 Gbit/s. The S/UNI 9953 is intended for use in OC-192c and high-density OC-48c POS/ATM applications as well as 10 Gigabit Ethernet WAN and LAN PHY port cards.

FEATURES
• Provides WAN Interface Sub-layer (WIS), Physical Coding Sub-layer (PCS), and Media Access Controller (MAC) functionality for OC-192c rate 10 Gigabit Ethernet WAN PHY datastream.
• Provides PCS and MAC layer functionality for 10.3 Gbit/s 10 Gigabit Ethernet LAN PHY datastream.
• Supports framing, scrambling/ descrambling and pointer processing for the following:
• STS-192c (STM-64-64c).
• 4 x STS-48c (4 x STM-16-16c).
• STS-192 (STM-64) channelized down to STS-48c (STM-16c).
• Supports alarm signal insertion/detection, B1/2/3 processing and insertion/termination of SONET Section/Line/Path overhead bytes (or SDH equivalents).
• Provides ATM and POS payload processing for:
• STS-192c (STM-64-64c)
• 4 x STS-48c (4 x STM-16-16c).
• STS-192 (STM-64) channelized down to STS-48c (STM-16c).

GENERAL
• Provides internal FIFOs (16 KB ingress, 20 KB egress) to accommodate system latencies.
• Provides line-side and system-side loopbacks for system level diagnostic capability.
• Provides support for automatic protection switching (APS) via two 16- bit LVDS 777.76 MHz ports.
• Provides a generic 16-bit microprocessor bus interface for configuration, control, and status monitoring.
• Standard 5 signal P1149.1 JTAG test port.
• Low power 1.8 V CMOS core logic with 3.3 V CMOS/TTL compatible digital inputs and digital outputs.
• Industrial temperature range (-40 °C to +85 °C).
• 1152 pin FCBGA package.

APPLICATIONS
• Edge and Core Routers.
• Multi-Service (Multi-Protocol) Switches.
• Internet POP and Transport POP L2 Ethernet Switches.
• SONET/SDH add/drop multiplexers and optical cross-connects.
• WAN and Edge ATM switches.
• Up-link cards.
• SONET/SDH ATM/POS and 10 Gigabit Ethernet test equipment.
• Emerging DPT, IPT, and GFP applications.




Similar Part No. - PM5390

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5392 PMC-PM5392 Datasheet
41Kb / 2P
SATURN User Network Interface for 9.953 Gbit/s
More results


Similar Description - PM5390

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5349 PMC-PM5349 Datasheet
72Kb / 4P
Quad 155 Mb/s ATM Physical Layer Device
PM5356 PMC-PM5356 Datasheet
63Kb / 4P
622 Mbit/s ATM Physical Layer Device
PM5357 PMC-PM5357 Datasheet
64Kb / 4P
622 Mbit/s ATM and Packet Over SONET Physical Layer Device
PM5358 PMC-PM5358 Datasheet
39Kb / 2P
Quad Channel OC-12c ATM and POS Physical Layer Device
PM5382 PMC-PM5382 Datasheet
36Kb / 2P
16-Channel OC-3c ATM and POS Physical Layer Device
PM5384 PMC-PM5384 Datasheet
46Kb / 2P
Single Channel OC-3c ATM and POS Physical Layer Device
PM7325 PMC-PM7325 Datasheet
46Kb / 2P
2.4 Gbit/s ATM Layer Solution
PM5349-1 PMC-PM5349-1 Datasheet
60Kb / 2P
Quad 155 Mb/s ATM Physical Layer Device
PM5356-1 PMC-PM5356-1 Datasheet
36Kb / 2P
622 Mbit/s ATM Physical Layer Device
PM5357-1 PMC-PM5357-1 Datasheet
35Kb / 2P
622 Mbit/s ATM and Packet Over SONET Physical Layer Device
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com