Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5382 Datasheet (PDF) - PMC-Sierra, Inc

PM5382 Datasheet PDF - PMC-Sierra, Inc
Part # PM5382
Download  PM5382 Download
File Size   36.42 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 16-Channel OC-3c ATM and POS Physical Layer Device

PM5382 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5382 Datasheet PDF - PMC-Sierra, Inc

Part # PM5382
Download  PM5382 Click to download

File Size   36.42 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 16-Channel OC-3c ATM and POS Physical Layer Device

PM5382 Datasheet (HTML) - PMC-Sierra, Inc


PM5382 Product details

FEATURES
• Single chip 16-channel ATM and POS User Network Interface operating at 155 Mbit/s.
• Implements the ATM Forum User Network Interface Specification and the ATM physical layer for Broadband ISDN according to CCITT Recommendation I.432.
• Implements the Point-to-Point Protocol (PPP) over SONET/SDH specification according to RFC 2615(1619)/1662 of the PPP Working Group of the Internet Engineering Task Force (IETF).
• Processes sixteen bit-serial 155 Mbit/s STS-3c (STM-1) data streams with onchip clock and data recovery and clock synthesis.
• Complies with Bellcore GR-253-CORE jitter tolerance, jitter transfer and intrinsic jitter criteria.
• Each channel provides termination for SONET Section, Line and Path overhead or SDH Regenerator Section, Multiplexer Section and High Order Path overhead.
• Provides UTOPIA Level 3 32-bit wide System Interface (clocked up to 104 MHz) with parity support for ATM applications.
• Provides SATURN® POS-PHY Level 3™ 32-bit System Interface (clocked up to 104 MHz) for Packet over SONET (POS), or ATM applications.
• Supports line loopback from the line side receive stream to the transmit stream and diagnostic loopback from the line side transmit stream to the line side receive stream interface.
• Provides support for automatic protection switching including a bidirectional 4-bit PECL 622 MHz port for external APS with mate device.
• Built-in APS cross-connect for internal and external 1+1 and 1:n protection switching.
• Provides a standard five signal IEEE 1149.1 JTAG test port for boundary scan board test purposes.
• Provides a generic 16-bit microprocessor bus interface for configuration, control, and status monitoring.
• Low power 2.5 V CMOS core logic with 3.3 V CMOS/TTL compatible digital inputs and digital outputs. PECL inputs and outputs are 3.3 V compatible.
• Industrial temperature range (-40 °C to +85 °C).
• 520 pin SBGA package.
• Pin and software compatible with the PM5358 S/UNI-4x622.

APPLICATIONS
• ATM and Multiservice Switches, Routers, and Switch/Routers.
• SONET/SDH Add/Drop Multiplexers with data processing capabilities
• Uplink Cards.
• SONET/SDH ATM/POS Test Equipment.
• SONET/SDH Transport Equipment.




Similar Part No. - PM5382

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM538 ARTESYN-PM538 Datasheet
65Kb / 3P
Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
logo
PMC-Sierra, Inc
PM5381 PMC-PM5381 Datasheet
2Mb / 2P
SATURN USER NETWORK INTERFACE FOR 2488 MBIT/S
PM5381 PMC-PM5381 Datasheet
57Kb / 2P
SATURN User Network Interface for 2488 Mbit/s
PM5381-BI PMC-PM5381-BI Datasheet
2Mb / 2P
SATURN USER NETWORK INTERFACE FOR 2488 MBIT/S
PM5384 PMC-PM5384 Datasheet
46Kb / 2P
Single Channel OC-3c ATM and POS Physical Layer Device
More results


Similar Description - PM5382

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5349 PMC-PM5349 Datasheet
72Kb / 4P
Quad 155 Mb/s ATM Physical Layer Device
PM5356 PMC-PM5356 Datasheet
63Kb / 4P
622 Mbit/s ATM Physical Layer Device
PM5357 PMC-PM5357 Datasheet
64Kb / 4P
622 Mbit/s ATM and Packet Over SONET Physical Layer Device
PM5358 PMC-PM5358 Datasheet
39Kb / 2P
Quad Channel OC-12c ATM and POS Physical Layer Device
PM5384 PMC-PM5384 Datasheet
46Kb / 2P
Single Channel OC-3c ATM and POS Physical Layer Device
PM5390 PMC-PM5390 Datasheet
100Kb / 2P
10 Gbit/s Physical Layer Device for POS, ATM and Ethernet
PM7375 PMC-PM7375 Datasheet
1Mb / 430P
LOCAL ATM SAR & PHYSICAL LAYER
PM5349-1 PMC-PM5349-1 Datasheet
60Kb / 2P
Quad 155 Mb/s ATM Physical Layer Device
PM5356-1 PMC-PM5356-1 Datasheet
36Kb / 2P
622 Mbit/s ATM Physical Layer Device
PM5357-1 PMC-PM5357-1 Datasheet
35Kb / 2P
622 Mbit/s ATM and Packet Over SONET Physical Layer Device
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com