Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5356 Datasheet (PDF) - PMC-Sierra, Inc

PM5356 Datasheet PDF - PMC-Sierra, Inc
Part # PM5356
Download  PM5356 Download
File Size   63.07 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 622 Mbit/s ATM Physical Layer Device

PM5356 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5356 Datasheet PDF - PMC-Sierra, Inc

Part # PM5356
Download  PM5356 Click to download

File Size   63.07 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 622 Mbit/s ATM Physical Layer Device

PM5356 Datasheet (HTML) - PMC-Sierra, Inc


PM5356 Product details

DESCRIPTION
The PM5357 S/UNI-622-MAX SATURN User Network Interface is a monolithic integrated circuit that implements SONET/SDH processing, ATM mapping over SONET/SDH mapping functions at the STS-12c/STM-4-4c 622.08 Mbit/s rate.

FEATURES
General
• Single chip ATM over SONET/SDH Physical Layer Device operating at 622.08 Mbit/s.
• Implements the ATM Forum User Network Interface Specification and the ATM physical layer for Broadband ISDN according to CCITT Recommendation I.432.
• Processes duplex bit-serial 622.08 Mbit/s STS-12c/STM-4-4c data streams with on-chip clock and data recovery and clock synthesis.
• Supports a duplex byte-serial 77.76 Mbyte/s STS-12c/STM-4-4c line side interface for use in applications where by-passing clock recovery, clock synthesis, and serializer-deserializer functionality is desired.
• Supports a byte-serial 19.44 Mbyte/s STS-3c/STM-1 line side interface on the transmit and/or receive interface for use in applications where a 155.52 Mbit/s data rate is desired.
• Supports clock recovery by-pass for use in applications where external clock recovery is desired.
• Provides UTOPIA Level 2 16-bit wide System Interface (clocked up to 50 MHz) with parity support for ATM applications.
• Provides UTOPIA Level 3 compatible 8-bit wide System Interface (clocked up to 100 MHz) with parity support for ATM applications.
• Provides support functions for a two chip solution for 1+1 APS operation.
• Provides a standard 5 signal IEEE 1149.1 JTAG test port for boundary scan board test purposes.
• Provides a generic 8-bit microprocessor bus interface for configuration, control, and status monitoring.
• Low power 3.3V CMOS with TTL compatible digital inputs and CMOS/TTL digital outputs. PECL inputs and outputs are 3.3V and 5V compatible.
• Industrial temperature range (-40°C to +85°C).
• 304 pin Super BGA package.

APPLICATIONS
• WAN and Edge ATM switches.
• LAN switches and hubs.
• Routers and Layer 3 Switches
• Network Interface Cards and Uplinks




Similar Part No. - PM5356

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5356 PMC-PM5356 Datasheet
1Mb / 307P
SATURN USER NETWORK INTERFACE (622-MAX)
PM5356 PMC-PM5356 Datasheet
36Kb / 2P
622 Mbit/s ATM Physical Layer Device
PM5356-1 PMC-PM5356-1 Datasheet
36Kb / 2P
622 Mbit/s ATM Physical Layer Device
More results


Similar Description - PM5356

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5349 PMC-PM5349 Datasheet
72Kb / 4P
Quad 155 Mb/s ATM Physical Layer Device
PM5351 PMC-PM5351 Datasheet
83Kb / 4P
Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
PM5352 PMC-PM5352 Datasheet
57Kb / 2P
155 Mbit/s ATM and Packet-Over-SONET/SDH Physical Layer Device
PM5357 PMC-PM5357 Datasheet
64Kb / 4P
622 Mbit/s ATM and Packet Over SONET Physical Layer Device
PM5390 PMC-PM5390 Datasheet
100Kb / 2P
10 Gbit/s Physical Layer Device for POS, ATM and Ethernet
PM5349-1 PMC-PM5349-1 Datasheet
60Kb / 2P
Quad 155 Mb/s ATM Physical Layer Device
PM5352-1 PMC-PM5352-1 Datasheet
57Kb / 2P
155 Mbit/s ATM and Packet-Over-SONET/SDH Physical Layer Device
PM5351-1 PMC-PM5351-1 Datasheet
70Kb / 2P
Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
PM5356-1 PMC-PM5356-1 Datasheet
36Kb / 2P
622 Mbit/s ATM Physical Layer Device
PM5357-1 PMC-PM5357-1 Datasheet
35Kb / 2P
622 Mbit/s ATM and Packet Over SONET Physical Layer Device
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com