Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5351 Datasheet (PDF) - PMC-Sierra, Inc

PM5351 Datasheet PDF - PMC-Sierra, Inc
Part # PM5351
Download  PM5351 Download
File Size   83.1 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device

PM5351 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5351 Datasheet PDF - PMC-Sierra, Inc

Part # PM5351
Download  PM5351 Click to download

File Size   83.1 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device

PM5351 Datasheet (HTML) - PMC-Sierra, Inc


PM5351 Product details

DESCRIPTION
The PM5351 S/UNI-TETRA SATURN User Network Interface is a monolithic integrated circuit that implements four channel SONET/SDH processing, ATM mapping and Packet over SONET/SDH mapping functions at the STS-3c (STM-1) 155.52 Mbit/s rate.

FEATURES
General
• Single chip QUAD ATM User-Network Interface operating at 155.52 Mbit/s.
• Implements the ATM Forum User Network Interface Specification and the ATM physical layer for Broadband ISDN according to CCITT Recommendation I.432.
• Implements the Point-to-Point Protocol (PPP) over SONET/SDH specification according to RFC 1619/1662 of the PPP Working Group of the Internet Engineering Task Force (IETF).
• Processes duplex 155.52 Mbit/s STS-3c (STM-1) data streams with on-chip clock and data recovery and clock synthesis.
• Exceeds Bellcore GR-253-CORE jitter tolerance and intrinsic jitter criteria.
• Exceeds Bellcore GR-253-CORE (1995 Issue) jitter transfer and phase variation criteria.
• Provides control circuitry required to exceed Bellcore GR-253-CORE WAN clocking requirements related to wander transfer, holdover and long term stability when using an external VCXO.
• Fully implements the ATM Forum’s Utopia Level 2 Specification with MultiPHY addressing and parity support.
• Implements the POS-PHY 16-bit System Interface for Packet over SONET/SDH (POS) applications. This system interface is similar to Utopia Level 2, but adapted to packet transfer. Both byte-level and packet-level transfer modes are supported.
• Provides a standard 5 signal IEEE 1149.1 JTAG test port for boundary scan board test purposes.
• Provides a generic 8-bit microprocessor bus interface for configuration, control, and status monitoring.
• Low power 3.3V CMOS with PECL and TTL compatible inputs and CMOS/TTL outputs, with 5V tolerance inputs (system side interface is 3.3V only).
• Industrial temperature range (-40°C to +85°C).
• 304 pin Super BGA package.

APPLICATIONS
• WAN and edge ATM switches.
• LAN switches and hubs.
• Packet switches and hubs.
• Layer 3 switches.
• Multiservice switches (FR, ATM, IP, etc..).
• Gigabit and Terabit routers.




Similar Part No. - PM5351

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5351 PMC-PM5351 Datasheet
1Mb / 393P
SATURN USER NETWORK INTERFACE (155-TETRA)
PM5351 PMC-PM5351 Datasheet
70Kb / 2P
Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
PM5351-1 PMC-PM5351-1 Datasheet
70Kb / 2P
Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
PM5351-BI PMC-PM5351-BI Datasheet
1Mb / 393P
SATURN USER NETWORK INTERFACE (155-TETRA)
More results


Similar Description - PM5351

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5349 PMC-PM5349 Datasheet
72Kb / 4P
Quad 155 Mb/s ATM Physical Layer Device
PM5352 PMC-PM5352 Datasheet
57Kb / 2P
155 Mbit/s ATM and Packet-Over-SONET/SDH Physical Layer Device
PM5356 PMC-PM5356 Datasheet
63Kb / 4P
622 Mbit/s ATM Physical Layer Device
PM5357 PMC-PM5357 Datasheet
64Kb / 4P
622 Mbit/s ATM and Packet Over SONET Physical Layer Device
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
logo
PMC-Sierra, Inc
PM5349-1 PMC-PM5349-1 Datasheet
60Kb / 2P
Quad 155 Mb/s ATM Physical Layer Device
PM5352-1 PMC-PM5352-1 Datasheet
57Kb / 2P
155 Mbit/s ATM and Packet-Over-SONET/SDH Physical Layer Device
PM5351-1 PMC-PM5351-1 Datasheet
70Kb / 2P
Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
PM5356-1 PMC-PM5356-1 Datasheet
36Kb / 2P
622 Mbit/s ATM Physical Layer Device
PM5357-1 PMC-PM5357-1 Datasheet
35Kb / 2P
622 Mbit/s ATM and Packet Over SONET Physical Layer Device
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com