Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW-AM617 Datasheet (PDF) - Infineon Technologies AG

AW-AM617 Datasheet PDF - Infineon Technologies AG
Part # AW-AM617
Download  AW-AM617 Download
File Size   106.95 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description A IROC™ CYW43022 Wi-Fi 5 Bluetooth® 5.4 combo

AW-AM617 Datasheet (PDF)

Go To PDF Page Download Datasheet
AW-AM617 Datasheet PDF - Infineon Technologies AG

Part # AW-AM617
Download  AW-AM617 Click to download

File Size   106.95 Kbytes
Page   2 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description A IROC™ CYW43022 Wi-Fi 5 Bluetooth® 5.4 combo

AW-AM617 Datasheet (HTML) - Infineon Technologies AG


AW-AM617 Product details

Wi-Fi features:
‒ Wi-Fi 5 (802.11ac)
‒ 1 x 1 dual-band (2.4/5 GHz)
‒ 20-MHz channels, up to
78-Mbps PHY data rate
‒ Integrated internal PA and LNA
switch support a single antenna
shared between Wi-Fi and
Bluetooth®
‒ Network offloads for
low-power host offload
‒ Ultra-low-power deep sleep

Bluetooth® features:
‒ Class 1 (100 m) and Class 2
(10 m) operation, +20dBm
Tx power
‒ Bluetooth® 5.4, supports BDR
(1 Mbps), EDR (2/3 Mbps), and
Bluetooth® LE
‒ Embedded stack for
low-power host offload
General features:
‒ SDIO v 2.0/v 3.0 host interface
(Shareable across Wi-Fi
and Bluetooth®)
‒ SPI host interface
‒ HCI over UART/SPI for
Bluetooth®
‒ 40 GPIOs
‒ Supports WPA3 R3 security




Similar Part No. - AW-AM617

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AW-05CR-NC PUI-AW-05CR-NC Datasheet
311Kb / 1P
Siren
logo
PUI audio inc.
AW-05CR-NC PUIAUDIO-AW-05CR-NC Datasheet
394Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
AW-05CW-NC PUI-AW-05CW-NC Datasheet
154Kb / 1P
SIREN
AW-05MR PUI-AW-05MR Datasheet
80Kb / 1P
SIREN
AW-05MW-NC PUI-AW-05MW-NC Datasheet
84Kb / 1P
SIREN
More results


Similar Description - AW-AM617

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
World Produts Inc.
WPANT10038 WPI-WPANT10038 Datasheet
52Kb / 1P
Bluetooth / Wi-Fi Flex Antenna
logo
Murata Manufacturing Co...
1DX MURATA-1DX Datasheet
111Kb / 3P
2.4GHz Wi-Fi Bluetooth 4.1 EDR Module
logo
Panasonic Battery Group
PAN9026 PANASONICBATTERY-PAN9026 Datasheet
2Mb / 83P
Wi-Fi Dual Band 2.4/5 GHz and Bluetooth Module
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-S3 ESPRESSIF-ESP32-S3 Datasheet
889Kb / 69P
2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
Version 1.3
logo
Texas Instruments
CC3301 TI-CC3301 Datasheet
594Kb / 10P
CC330x SimpleLink™ Wi-Fi® 6 and Bluetooth® Low Energy Transceiver
MARCH 2023
logo
Silicon Laboratories
RS9116 SILABS-RS9116 Datasheet
3Mb / 82P
RS9116 n-Link™ and WiSeConnect™ Wi-Fi® and Dual-Mode Bluetooth® 5 Wireless Connectivity B00 Module Solution
Rev 1.0.9
WGM160P SILABS-WGM160P Datasheet
1Mb / 46P
WGM160P Wi-Fi® Module
Rev. 1.3
logo
Renesas Technology Corp
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
logo
List of Unclassifed Man...
V200Z-R ETC-V200Z-R Datasheet
4Mb / 22P
AIOT Wi-Fi/Bluetooth Combo Module
Version: v1.4
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com