Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9502 Datasheet (PDF) - NXP Semiconductors

PCA9502 Datasheet PDF - NXP Semiconductors
Part # PCA9502
Download  PCA9502 Download
File Size   139.16 Kbytes
Page   25 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit I/O expander with I2C-bus/SPI interface

PCA9502 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9502 Datasheet PDF - NXP Semiconductors

Part # PCA9502
Download  PCA9502 Click to download

File Size   139.16 Kbytes
Page   25 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit I/O expander with I2C-bus/SPI interface

PCA9502 Datasheet (HTML) - NXP Semiconductors


PCA9502 Product details

General description

The PCA9502 is an 8-bit I/O expander with I2C-bus/SPI host interface. The device comes in a very small HVQFN24 package, which makes it ideally suitable for hand-held, battery operated applications.



Features

General features

Selectable I2

C-bus or SPI interface

3.3 V or 2.5 V operation

Industrial temperature range:−40°C to +85°C

Eight programmable I/O pins

Software reset

Industrial and commercial temperature ranges

Available in HVQFN24 package

16 hardware-selectable slave addresses



I2C-bus features

Noise filter on SCL/SDA inputs

400 kbit/s (maximum)

Compliant with I2C-bus Fast-mode

Slave mode only



SPI features

15 Mbit/s maximum speed

Slave mode only

SPI Mode 0



Applications

Factory automation and process control

Portable and battery operated devices

Cellular data devices




Similar Part No. - PCA9502

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9502 NXP-PCA9502 Datasheet
148Kb / 25P
8-bit I/O expander with I2C-bus/SPI interface
Rev. 03-13 October 2006
PCA9502 NXP-PCA9502 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9502BS NXP-PCA9502BS Datasheet
148Kb / 25P
8-bit I/O expander with I2C-bus/SPI interface
Rev. 03-13 October 2006
More results


Similar Description - PCA9502

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62320P MITSUBISHI-M62320P Datasheet
66Kb / 9P
8-BIT I/O EXPANDER for I2C BUS
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574 Datasheet
156Kb / 24P
Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
logo
Texas Instruments
PCF8574 TI-PCF8574_07 Datasheet
943Kb / 23P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
Renesas Technology Corp
M62320GP RENESAS-M62320GP Datasheet
135Kb / 11P
8-bit I/O Expander for I2C BUS
M62320P RENESAS-M62320P Datasheet
148Kb / 11P
8-bit I/O Expander for I2C BUS
logo
NXP Semiconductors
PCA9502 NXP-PCA9502 Datasheet
148Kb / 25P
8-bit I/O expander with I2C-bus/SPI interface
Rev. 03-13 October 2006
logo
Texas Instruments
PCF8574A TI-PCF8574A_05 Datasheet
771Kb / 21P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
ON Semiconductor
PCA9654E ONSEMI-PCA9654E Datasheet
335Kb / 22P
8-bit I/O Expander for I2C Bus
February, 2015 ??Rev. 2
logo
Texas Instruments
PCF8574 TI1-PCF8574_15 Datasheet
1Mb / 36P
Remote 8-Bit I/O Expander for I2C Bus
logo
List of Unclassifed Man...
HLF8574 ETC-HLF8574 Datasheet
1Mb / 12P
Remote 8-bit I/O expander for I2C-bus
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com