Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9502 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9502
Description  8-bit I/O expander with I2C-bus/SPI interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9502 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9502 Datasheet HTML 1Page - NXP Semiconductors PCA9502 Datasheet HTML 2Page - NXP Semiconductors PCA9502 Datasheet HTML 3Page - NXP Semiconductors PCA9502 Datasheet HTML 4Page - NXP Semiconductors PCA9502 Datasheet HTML 5Page - NXP Semiconductors PCA9502 Datasheet HTML 6Page - NXP Semiconductors PCA9502 Datasheet HTML 7Page - NXP Semiconductors PCA9502 Datasheet HTML 8Page - NXP Semiconductors PCA9502 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1.
General description
The PCA9502 is an 8-bit I/O expander with I2C-bus/SPI host interface. The device comes
in a very small HVQFN24 package, which makes it ideally suitable for hand-held, battery
operated applications.
The device also supports software reset, which allows the host to reset the device at any
time, independent of the hardware reset signal.
2.
Features
2.1 General features
I Selectable I2C-bus or SPI interface
I 3.3 V or 2.5 V operation
I Industrial temperature range: −40 °C to +85 °C
I Eight programmable I/O pins
I Software reset
I Industrial and commercial temperature ranges
I Available in HVQFN24 package
I 16 hardware-selectable slave addresses
2.2 I2C-bus features
I Noise filter on SCL/SDA inputs
I 400 kbit/s (maximum)
I Compliant with I2C-bus Fast-mode
I Slave mode only
2.3 SPI features
I 15 Mbit/s maximum speed
I Slave mode only
I SPI Mode 0
3.
Applications
I Factory automation and process control
I Portable and battery operated devices
I Cellular data devices
PCA9502
8-bit I/O expander with I2C-bus/SPI interface
Rev. 03 — 13 October 2006
Product data sheet


Similar Part No. - PCA9502

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9502 NXP-PCA9502 Datasheet
148Kb / 25P
8-bit I/O expander with I2C-bus/SPI interface
Rev. 03-13 October 2006
PCA9502 NXP-PCA9502 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9502BS NXP-PCA9502BS Datasheet
148Kb / 25P
8-bit I/O expander with I2C-bus/SPI interface
Rev. 03-13 October 2006
More results

Similar Description - PCA9502

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62320P MITSUBISHI-M62320P Datasheet
66Kb / 9P
8-BIT I/O EXPANDER for I2C BUS
logo
NXP Semiconductors
PCF8574 PHILIPS-PCF8574 Datasheet
156Kb / 24P
Remote 8-bit I/O expander for I2C-bus
1997 Apr 02
logo
Texas Instruments
PCF8574 TI-PCF8574_07 Datasheet
943Kb / 23P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
Renesas Technology Corp
M62320GP RENESAS-M62320GP Datasheet
135Kb / 11P
8-bit I/O Expander for I2C BUS
M62320P RENESAS-M62320P Datasheet
148Kb / 11P
8-bit I/O Expander for I2C BUS
logo
NXP Semiconductors
PCA9502 NXP-PCA9502 Datasheet
148Kb / 25P
8-bit I/O expander with I2C-bus/SPI interface
Rev. 03-13 October 2006
logo
Texas Instruments
PCF8574A TI-PCF8574A_05 Datasheet
771Kb / 21P
REMOTE 8-BIT I/O EXPANDER FOR I2C BUS
logo
ON Semiconductor
PCA9654E ONSEMI-PCA9654E Datasheet
335Kb / 22P
8-bit I/O Expander for I2C Bus
February, 2015 ??Rev. 2
logo
Texas Instruments
PCF8574 TI1-PCF8574_15 Datasheet
1Mb / 36P
Remote 8-Bit I/O Expander for I2C Bus
logo
List of Unclassifed Man...
HLF8574 ETC-HLF8574 Datasheet
1Mb / 12P
Remote 8-bit I/O expander for I2C-bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com