Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9502 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCA9502
Description  8-bit I/O expander with I2C-bus/SPI interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9502 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCA9502 Datasheet HTML 11Page - NXP Semiconductors PCA9502 Datasheet HTML 12Page - NXP Semiconductors PCA9502 Datasheet HTML 13Page - NXP Semiconductors PCA9502 Datasheet HTML 14Page - NXP Semiconductors PCA9502 Datasheet HTML 15Page - NXP Semiconductors PCA9502 Datasheet HTML 16Page - NXP Semiconductors PCA9502 Datasheet HTML 17Page - NXP Semiconductors PCA9502 Datasheet HTML 18Page - NXP Semiconductors PCA9502 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
PCA9502_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 October 2006
15 of 25
NXP Semiconductors
PCA9502
8-bit I/O expander with I2C-bus/SPI interface
[1]
5.5 V steady state voltage tolerance on inputs and outputs is valid only when the supply voltage is present. 3.8 V steady state voltage
tolerance on inputs and outputs when no supply voltage is present.
13. Dynamic characteristics
[1]
A detailed description of the I2C-bus specification, with applications, is given in brochure
“The I2C-bus and how to use it”. This brochure
may be ordered using the code 9398 393 40011.
[2]
Minimum SCL clock frequency is limited by the bus time-out feature, which resets the serial bus interface if SDA is held LOW for a
minimum of 25 ms.
I2C-bus inputs SCL, CS/A0, SI/A1
VIH
HIGH-level input voltage
1.6
5.5[1]
2.0
5.5[1]
V
VIL
LOW-level input voltage
-
0.6
-
0.8
V
IL
leakage current
input; VI = 0 V or 5.5 V[1]
-10-10
µA
Ci
input capacitance
-7-7
pF
Table 15.
Static characteristics …continued
VDD = (2.5 V ± 0.2 V) or (3.3 V ± 0.3 V); Tamb = −40 °Cto+85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
VDD = 2.5 V
VDD = 3.3 V
Unit
Min
Max
Min
Max
Table 16.
I2C-bus timing specifications
All the timing limits are valid within the operating supply voltage, ambient temperature range and output load;
VDD = (2.5 V ± 0.2 V) or (3.3 V ± 0.3 V); Tamb = −40 °Cto+85 °C; refer to VIL and VIH with an input voltage of VSS to VDD.
All output load = 25 pF, except SDA output load = 400 pF.[1]
Symbol Parameter
Conditions
Standard-mode
I2C-bus
Fast-mode
I2C-bus
Unit
Min
Max
Min
Max
fSCL
SCL clock frequency
[2]
0
100
0
400
kHz
tBUF
bus free time between a STOP and
START condition
4.7
-
1.3
-
µs
tHD;STA
hold time (repeated) START condition
4.0
-
0.6
-
µs
tSU;STA
set-up time for a repeated START
condition
4.7
-
0.6
-
µs
tSU;STO
set-up time for STOP condition
4.7
-
0.6
-
µs
tHD;DAT
data hold time
0
-
0
-
ns
tVD;ACK
data valid acknowledge time
-
0.6
-
0.6
µs
tVD;DAT
data valid time
SCL LOW to data out valid
-
0.6
-
0.6
ns
tSU;DAT
data set-up time
250
-
150
-
ns
tLOW
LOW period of the SCL clock
4.7
-
1.3
-
µs
tHIGH
HIGH period of the SCL clock
4.0
-
0.6
-
µs
tf
fall time of both SDA and SCL signals
-
300
-
300
ns
tr
rise time of both SDA and SCL signals
-
1000
-
300
ns
tSP
pulse width of spikes that must be
suppressed by the input filter
-
50
-
50
ns
td1
I2C-bus GPIO output valid time
0.5
-
0.5
-
µs
td4
I2C input pin interrupt valid time
0.2
-
0.2
-
µs
td5
I2C input pin interrupt clear time
0.2
-
0.2
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com