Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9502 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9502
Description  8-bit I/O expander with I2C-bus/SPI interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9502 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9502 Datasheet HTML 9Page - NXP Semiconductors PCA9502 Datasheet HTML 10Page - NXP Semiconductors PCA9502 Datasheet HTML 11Page - NXP Semiconductors PCA9502 Datasheet HTML 12Page - NXP Semiconductors PCA9502 Datasheet HTML 13Page - NXP Semiconductors PCA9502 Datasheet HTML 14Page - NXP Semiconductors PCA9502 Datasheet HTML 15Page - NXP Semiconductors PCA9502 Datasheet HTML 16Page - NXP Semiconductors PCA9502 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
PCA9502_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 October 2006
13 of 25
NXP Semiconductors
PCA9502
8-bit I/O expander with I2C-bus/SPI interface
10. SPI operation
11. Limiting values
[1]
5.5 V steady state voltage tolerance on inputs and outputs is valid only when the supply voltage is present.
4.6 V steady state voltage tolerance on inputs and outputs when no supply voltage is present.
R/W = 0; A[3:0] = register address
a. Register write
R/W = 1; A[3:0] = register address
b. Register read
Fig 12. SPI operation
Table 13.
Register address byte (SPI)
Bit
Name
Function
7R/W
1: read from PCA9502
0: write to PCA9502
6:3
A[3:0]
internal register select
2:1
-
not used, set to 0
0
-
not used
SI
A1
A2
A3
R/W
SCLK
0
A0
X
0
D6
D7
D4
D5
D2
D3
D0
D1
002aab925
SI
A1
A2
A3
R/W
SCLK
0
A0
X
0
SO
D6
D7
D4
D5
D2
D3
D0
D1
002aab926
Table 14.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.3
+4.6
V
VI
input voltage
any input
−0.3
+5.5[1]
V
II
input current
any input
−10
+10
mA
IO
output current
any output
−10
+10
mA
Ptot
total power dissipation
-
300
mW
P/out
power dissipation per output
-
50
mW
Tamb
ambient temperature
−40
+85
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com