Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9502 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9502
Description  8-bit I/O expander with I2C-bus/SPI interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9502 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9502 Datasheet HTML 8Page - NXP Semiconductors PCA9502 Datasheet HTML 9Page - NXP Semiconductors PCA9502 Datasheet HTML 10Page - NXP Semiconductors PCA9502 Datasheet HTML 11Page - NXP Semiconductors PCA9502 Datasheet HTML 12Page - NXP Semiconductors PCA9502 Datasheet HTML 13Page - NXP Semiconductors PCA9502 Datasheet HTML 14Page - NXP Semiconductors PCA9502 Datasheet HTML 15Page - NXP Semiconductors PCA9502 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
PCA9502_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 13 October 2006
12 of 25
NXP Semiconductors
PCA9502
8-bit I/O expander with I2C-bus/SPI interface
The register read cycle (see Figure 11) commences in a similar manner, with the master
sending a slave address with the direction bit set to ‘write’ with a following sub-address.
Then, in order to reverse the direction of the transfer, the master issues a repeated START
followed again by the device address, but this time with the direction bit set to ‘read’. The
data bytes starting at the internal sub-address will be clocked out of the device, each
followed by a master-generated acknowledge. The last byte of the read cycle will be
followed by a negative acknowledge, signalling the end of transfer. The cycle is terminated
by a STOP signal.
White block: host to PCA9502
Grey block: PCA9502 to host
Fig 10. Master writes to slave
S
SLAVE ADDRESS
002aab047
W
A
REGISTER ADDRESS
A
nDATA
A
P
White block: host to PCA9502
Grey block: PCA9502 to host
Fig 11. Master read from Slave
S
SLAVE ADDRESS
002aab048
W
A
REGISTER ADDRESS
A
NA
P
S
SLAVE ADDRESS
R
A
nDATA
A
LAST DATA
Table 12.
Register address byte (I2C-bus)
Bit
Name
Function
7
-
not used
6:3
A[3:0]
internal register select
2:1
-
not used, set to 0
0
-
not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com