Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1329H Datasheet (PDF) - Cypress Semiconductor

CY7C1329H Datasheet PDF - Cypress Semiconductor
Part # CY7C1329H
Download  CY7C1329H Download
File Size   711.96 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 2-Mbit (64K x 32) Pipelined Sync SRAM

CY7C1329H Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1329H Datasheet PDF - Cypress Semiconductor

Part # CY7C1329H
Download  CY7C1329H Click to download

File Size   711.96 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 2-Mbit (64K x 32) Pipelined Sync SRAM

CY7C1329H Datasheet (HTML) - Cypress Semiconductor


CY7C1329H Product details

Features
• Registered inputs and outputs for pipelined operation
• 64K × 32 common I/O architecture
• 3.3V core power supply
• 2.5V/3.3V I/O operation
• Fast clock-to-output times
   — 3.5 ns (for 166-MHz device)
   — 4.0 ns (for 133-MHz device)
• Provide high-performance 3-1-1-1 access rate
• User-selectable burst counter supporting Intel®
   Pentium® interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed write
• Asynchronous output enable
• Offered in JEDEC-standard lead-free 100-pin TQFP package
• “ZZ” Sleep Mode Option




Similar Part No. - CY7C1329H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1329H CYPRESS-CY7C1329H Datasheet
618Kb / 20P
2-Mbit (64 K x 32) Pipelined Sync SRAM 2.5 V/3.3 V I/O operation
CY7C1329H-133AXC CYPRESS-CY7C1329H-133AXC Datasheet
618Kb / 20P
2-Mbit (64 K x 32) Pipelined Sync SRAM 2.5 V/3.3 V I/O operation
CY7C1329H CYPRESS-CY7C1329H_11 Datasheet
618Kb / 20P
2-Mbit (64 K x 32) Pipelined Sync SRAM 2.5 V/3.3 V I/O operation
More results


Similar Description - CY7C1329H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1336F CYPRESS-CY7C1336F Datasheet
327Kb / 15P
2-Mbit (64K x 32) Flow-Through Sync SRAM
logo
Integrated Circuit Syst...
IC61LV6432 ICST-IC61LV6432 Datasheet
210Kb / 21P
64K x 32 Pipelined Sync. SRAM
logo
Cypress Semiconductor
CY7C1298H CYPRESS-CY7C1298H Datasheet
383Kb / 16P
1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1336H CYPRESS-CY7C1336H Datasheet
675Kb / 15P
2-Mbit (64K x 32) Flow-Through Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1346H CYPRESS-CY7C1346H Datasheet
713Kb / 16P
2-Mbit (64K x 36) Pipelined Sync SRAM
CY7C1212F CYPRESS-CY7C1212F Datasheet
318Kb / 15P
1-Mbit (64K x 18) Pipelined Sync SRAM
CY7C1212H CYPRESS-CY7C1212H Datasheet
353Kb / 15P
1-Mbit (64K x 18) Pipelined Sync SRAM
CY7C1329G CYPRESS-CY7C1329G Datasheet
322Kb / 16P
2-Mb (64K x 32) Pipelined Sync SRAM
CY7C1346F CYPRESS-CY7C1346F Datasheet
321Kb / 16P
2-Mbit (64K x 36) Pipelined Sync SRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com