Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1346F Datasheet (PDF) - Cypress Semiconductor

CY7C1346F Datasheet PDF - Cypress Semiconductor
Part # CY7C1346F
Download  CY7C1346F Download
File Size   321.76 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 2-Mbit (64K x 36) Pipelined Sync SRAM

CY7C1346F Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1346F Datasheet PDF - Cypress Semiconductor

Part # CY7C1346F
Download  CY7C1346F Click to download

File Size   321.76 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 2-Mbit (64K x 36) Pipelined Sync SRAM

CY7C1346F Datasheet (HTML) - Cypress Semiconductor


CY7C1346F Product details

Functional Description[1]
The CY7C1346F SRAM integrates 65,536 x 36 SRAM cells with advanced synchronous peripheral circuitry and a two-bit counter for internal burst operation. All synchronous inputs are gated by registers controlled by a positive-edge-triggered Clock Input (CLK).

Features
• Registered inputs and outputs for pipelined operation
• 64K × 36 common I/O architecture
• 3.3V core power supply
• 3.3V I/O operation
• Fast clock-to-output times
   — 3.5 ns (for 166-MHz device)
   — 4.0 ns (for 133-MHz device)
   — 4.5 ns (for 100-MHz device)
• Provide high-performance 3-1-1-1 access rate
• User-selectable burst counter supporting Intel® Pentium® interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed writes
• Asynchronous output enable
• Offered in JEDEC-standard 100-pin TQFP package
• “ZZ” Sleep Mode Option




Similar Part No. - CY7C1346F

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1346H CYPRESS-CY7C1346H Datasheet
713Kb / 16P
2-Mbit (64K x 36) Pipelined Sync SRAM
CY7C1346H-166AXC CYPRESS-CY7C1346H-166AXC Datasheet
713Kb / 16P
2-Mbit (64K x 36) Pipelined Sync SRAM
CY7C1346H-166AXI CYPRESS-CY7C1346H-166AXI Datasheet
713Kb / 16P
2-Mbit (64K x 36) Pipelined Sync SRAM
More results


Similar Description - CY7C1346F

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1347F CYPRESS-CY7C1347F Datasheet
423Kb / 19P
4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1298H CYPRESS-CY7C1298H Datasheet
383Kb / 16P
1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1329H CYPRESS-CY7C1329H Datasheet
711Kb / 16P
2-Mbit (64K x 32) Pipelined Sync SRAM
CY7C1344H CYPRESS-CY7C1344H Datasheet
680Kb / 15P
2-Mbit (64K x 36) Flow-Through Sync SRAM
CY7C1346H CYPRESS-CY7C1346H Datasheet
713Kb / 16P
2-Mbit (64K x 36) Pipelined Sync SRAM
CY7C1347G CYPRESS-CY7C1347G Datasheet
1,021Kb / 21P
4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1212F CYPRESS-CY7C1212F Datasheet
318Kb / 15P
1-Mbit (64K x 18) Pipelined Sync SRAM
CY7C1212H CYPRESS-CY7C1212H Datasheet
353Kb / 15P
1-Mbit (64K x 18) Pipelined Sync SRAM
CY7C1344F CYPRESS-CY7C1344F Datasheet
287Kb / 15P
2-Mbit (64K x 36) Flow-Through Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_13 Datasheet
479Kb / 25P
72-Mbit (2 M x 36) Pipelined Sync SRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com