Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5371 Datasheet (PDF) - PMC-Sierra, Inc

PM5371 Datasheet PDF - PMC-Sierra, Inc
Part # PM5371
Download  PM5371 Download
File Size   74.07 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description VT/TU Cross-Connect Switch

PM5371 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM5371 Datasheet PDF - PMC-Sierra, Inc

Part # PM5371
Download  PM5371 Click to download

File Size   74.07 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description VT/TU Cross-Connect Switch

PM5371 Datasheet (HTML) - PMC-Sierra, Inc


PM5371 Product details

DESCRIPTION
The PM5371 TUDX SONET/SDH Tributary Unit Cross-Connect is a monolithic integrated circuit that allows non-blocking switching of tributaries within two SONET STS-3 or SDH STM-1 streams. Any tributary entering on either stream can be connected to any same size tributary within either outgoing stream. The TUDX can be programmed to cross-connect a mix of SONET VT1.5, VT2, VT3, VT6, or STS-1 channels or SDH TU11, TU12, TU2, or TU3 channels. Programmable idle code can also be inserted into any of these channels. The TUDX allows cross-connection of up to 168 VT1.5 or TU11 streams, up to 126 VT2 or TU12 streams, or up to 42 VT6 or TU2 streams or any legal mix as permitted by the SONET or SDH mappings.

FEATURES
• A single stage, non-blocking array of time switches for cross-connecting
   SONET virtual tributaries (VTs) or SDH tributary units (TUs).
• Provides non-blocking switching between two STS-3 (STM-1) byte serial input
   streams and two STS-3 (STM-1) byte serial output streams.
• Operates from a single 19.44 MHz clock.
• Provides parity checking on input data buses and parity generation on output
   data buses.
• Allows programmable idle code insertion on a per VT or per TU basis.
• Permits switching of any combination of SONET VT1.5, VT2, VT3, VT6, or
   STS-1 channels. Permits switching of any combination of SDH TU11, TU12,
   TU2, or TU3 channels.
• Operates in conjunction with the PM5361 TUDX SONET/SDH Tributary Unit
   Payload Processor which aligns SONET VTs or SDH TUs such that they can
   be switched by the TUDX.
• Cascadable in a systolic or bused manner to allow larger switching arrays to
   be implemented. Provides control outputs that are programmable on a per
   timeslot basis to facilitate construction of larger switching arrays.
• Provides programmable delay to match data skew in the systolic array
   application.
• Provides a generic 8-bit microprocessor bus interface for configuration,
   control, and status monitoring.
• Low power, +5 Volt, CMOS technology. Device has TTL compatible inputs
   and outputs.
• 160 pin metric quad flat pack (MQFP) package.

APPLICATIONS
• SONET and SDH Wideband Cross-Connects
• SONET and SDH Add-Drop and Terminal Multiplexers




Similar Part No. - PM5371

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5371 PMC-PM5371 Datasheet
313Kb / 2P
SONET/SDH TRIBUTARY UNIT CROSS CONNECT
PM5371-RI PMC-PM5371-RI Datasheet
313Kb / 2P
SONET/SDH TRIBUTARY UNIT CROSS CONNECT
PM5371-RI PMC-PM5371-RI Datasheet
308Kb / 93P
SONET/SDH TRIBUTARY UNIT CROSS CONNECT
PM5371TUDX PMC-PM5371TUDX Datasheet
308Kb / 93P
SONET/SDH TRIBUTARY UNIT CROSS CONNECT
More results


Similar Description - PM5371

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5362 PMC-PM5362 Datasheet
65Kb / 2P
VT/TU Payload Processor/Performance Monitor
PM5365 PMC-PM5365 Datasheet
1Mb / 2P
VT/TU MAPPER AND M13 MULTIPLEXER
logo
MRV Communications, Inc...
OCC-A-320-N MRV-OCC-A-320-N Datasheet
77Kb / 3P
OCC - Optical Cross Connect
EMPMC-9XFP MRV-EMPMC-9XFP Datasheet
677Kb / 3P
Media Cross Connect Blades
EMPMC-36FC8G MRV-EMPMC-36FC8G Datasheet
677Kb / 3P
Media Cross Connect Blades
EMPMC-36RJ-C MRV-EMPMC-36RJ-C Datasheet
677Kb / 3P
Media Cross Connect Blades
EMPMC-36SAS MRV-EMPMC-36SAS Datasheet
677Kb / 3P
Media Cross Connect Blades
EMPMC-36SFP MRV-EMPMC-36SFP Datasheet
677Kb / 3P
Media Cross Connect Blades
OCC96 MRV-OCC96 Datasheet
293Kb / 3P
Optical Cross Connect
logo
List of Unclassifed Man...
A0266828 ETC2-A0266828 Datasheet
291Kb / 6P
BIX Cross-Connect System
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com