Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4SMS Datasheet (PDF) - Cree LED

S4SMS Datasheet PDF - Cree LED
Part # S4SMS
Download  S4SMS Download
File Size   748.44 Kbytes
Page   9 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description Screen Master® 4-mm Oval LEDs: S4SMS-RJY/GJY/BJY

S4SMS Datasheet (PDF)

Go To PDF Page Download Datasheet
S4SMS Datasheet PDF - Cree LED

Part # S4SMS
Download  S4SMS Click to download

File Size   748.44 Kbytes
Page   9 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description Screen Master® 4-mm Oval LEDs: S4SMS-RJY/GJY/BJY

S4SMS Datasheet (HTML) - Cree LED


S4SMS Product details

PRODUCT DESCRIPTION
These oval LEDs are specifically designed
for full-color video screens, digital billboards
and passenger-information signs. The ovalshaped
radiation pattern and high luminous
intensity ensure that these devices are
excellent for bright sunlight or low power
consumption outdoor applications.
These lamps are made with an advanced
optical-grade epoxy that offers superior
high-temperature and high-moistureresistance
performance in outdoor signal
and sign applications.The encapsulation
resin contains anti-UV material in order to
reduce the effects of long-term exposure to
direct sunlight.
FEATURES
• Size (mm): 4
• Color and Typical Dominant
Wavelength:
Red (621nm)
Green(527nm)
Blue(472nm)
• Luminous Intensity (mcd)
S4SMS-RJY: (770-2130)
S4SMS-GJY: (2130-5860)
S4SMS-BJY: (390-1100)
• Lead - Free
• RoHS Compliant
APPLICATIONS
• Electronic Signs & Signals (ESS)
• Full Color Video Screen
• Digital Billboards
• Motorway Signs
• Variable Message Sign (VMS)
• Advertising Signs
• Petrol Signs




Similar Part No. - S4SMS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
S4SMS-BJF CREE-S4SMS-BJF Datasheet
857Kb / 8P
Cree Screen Master 4-mm Oval LED
S4SMS-BJF-CQ0S0GT1 CREE-S4SMS-BJF-CQ0S0GT1 Datasheet
857Kb / 8P
Cree Screen Master 4-mm Oval LED
S4SMS-BJF-CQ0S0GT2 CREE-S4SMS-BJF-CQ0S0GT2 Datasheet
857Kb / 8P
Cree Screen Master 4-mm Oval LED
S4SMS-BJF-CQ32QGF1 CREE-S4SMS-BJF-CQ32QGF1 Datasheet
857Kb / 8P
Cree Screen Master 4-mm Oval LED
S4SMS-BJF-CQ32QGF2 CREE-S4SMS-BJF-CQ32QGF2 Datasheet
857Kb / 8P
Cree Screen Master 4-mm Oval LED
More results


Similar Description - S4SMS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMC-RGF CREE-C4SMC-RGF Datasheet
848Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMA-RGF CREE-C4SMA-RGF Datasheet
899Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMF-RJF CREE-C4SMF-RJF Datasheet
732Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
Cree Screen Master 4-mm Oval LED
S4SMS-RJF CREE-S4SMS-RJF Datasheet
857Kb / 8P
Cree Screen Master 4-mm Oval LED
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com