Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4SMS Datasheet(PDF) 1 Page - Cree LED

Part # S4SMS
Description  Screen Master® 4-mm Oval LEDs: S4SMS-RJY/GJY/BJY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

S4SMS Datasheet(HTML) 1 Page - Cree LED

  S4SMS Datasheet HTML 1Page - Cree LED S4SMS Datasheet HTML 2Page - Cree LED S4SMS Datasheet HTML 3Page - Cree LED S4SMS Datasheet HTML 4Page - Cree LED S4SMS Datasheet HTML 5Page - Cree LED S4SMS Datasheet HTML 6Page - Cree LED S4SMS Datasheet HTML 7Page - Cree LED S4SMS Datasheet HTML 8Page - Cree LED S4SMS Datasheet HTML 9Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT FAMILY DATA SHEET
Cree LED / 4001 E. Hwy. 54, Suite 2000 / Durham, NC 27709 USA / +1.919.313.5330 / www.cree-led.com
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1506
REV 2
1
Screen Master® 4-mm Oval LEDs: S4SMS-RJY/GJY/BJY
PRODUCT DESCRIPTION
These oval LEDs are specifically designed
for full-colorvideoscreens,digitalbillboards
and passenger-information signs. The oval-
shaped radiation pattern and high luminous
intensity ensure that these devices are
excellent for bright sunlight or low power
consumption outdoor applications.
These lamps are made with an advanced
optical-grade epoxy that offers superior
high-temperature
and
high-moisture-
resistance performance in outdoor signal
and sign applications.The encapsulation
resin contains anti-UV material in order to
reduce the effects of long-term exposure to
direct sunlight.
FEATURES
• Size (mm): 4
• Color and Typical Dominant
Wavelength:
Red (621nm)
Green(527nm)
Blue(472nm)
• Luminous Intensity (mcd)
S4SMS-RJY: (770-2130)
S4SMS-GJY: (2130-5860)
S4SMS-BJY: (390-1100)
• Lead - Free
• RoHS Compliant
APPLICATIONS
• Electronic Signs & Signals (ESS)
• Full Color Video Screen
• Digital Billboards
• Motorway Signs
• Variable Message Sign (VMS)
• Advertising Signs
• Petrol Signs


Similar Part No. - S4SMS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
S4SMS-BJF CREE-S4SMS-BJF Datasheet
857Kb / 8P
Cree Screen Master 4-mm Oval LED
S4SMS-BJF-CQ0S0GT1 CREE-S4SMS-BJF-CQ0S0GT1 Datasheet
857Kb / 8P
Cree Screen Master 4-mm Oval LED
S4SMS-BJF-CQ0S0GT2 CREE-S4SMS-BJF-CQ0S0GT2 Datasheet
857Kb / 8P
Cree Screen Master 4-mm Oval LED
S4SMS-BJF-CQ32QGF1 CREE-S4SMS-BJF-CQ32QGF1 Datasheet
857Kb / 8P
Cree Screen Master 4-mm Oval LED
S4SMS-BJF-CQ32QGF2 CREE-S4SMS-BJF-CQ32QGF2 Datasheet
857Kb / 8P
Cree Screen Master 4-mm Oval LED
More results

Similar Description - S4SMS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMC-RGF CREE-C4SMC-RGF Datasheet
848Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMA-RGF CREE-C4SMA-RGF Datasheet
899Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMF-RJF CREE-C4SMF-RJF Datasheet
732Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
Cree Screen Master 4-mm Oval LED
S4SMS-RJF CREE-S4SMS-RJF Datasheet
857Kb / 8P
Cree Screen Master 4-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com