Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6541 Datasheet (PDF) - PMC-Sierra, Inc

PM6541 Datasheet PDF - PMC-Sierra, Inc
Part # PM6541
Download  PM6541 Download
File Size   179.28 Kbytes
Page   49 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description E1XC EVALUATION DAUGHTERBOARD

PM6541 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM6541 Datasheet PDF - PMC-Sierra, Inc

Part # PM6541
Download  PM6541 Click to download

File Size   179.28 Kbytes
Page   49 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description E1XC EVALUATION DAUGHTERBOARD

PM6541 Datasheet (HTML) - PMC-Sierra, Inc


PM6541 Product details

OVERVIEW
The PM6541 E1XC EVBD evaluation daughterboard allows for the test, evaluation and demonstration of the PMC PM6341 E1XC device. It is also compatible with the PM4341 T1XC device. This daughterboard can be used standalone with up to two E1XC devices but has been especially designed to mate with the PMC PM1501 EVMB evaluation motherboard to form a complete evaluation system. All required decoding logic is provided on the E1XC EVBD daughterboard to give the EVMB direct access to all registers of both E1XC devices.

All of the principal connections to both devices have been brought out to header strips for convenient test access. E-1 digital interfaces are provided on a header strip and BNC or mini-bantam connectors are provided for E-1 analog signals. Both 75 Ω and 120 Ω interfaces are provided. The backplane interfaces of each device are accessible through header strips and the devices can be interconnected back to back, effectively creating a jitter-attenuating format converter by dropping in shorting connectors into specific DIP sockets.

Clocks for the backplane are provided by a T1/CEPT digital trunk DPLL which provides a synchronized 1.544 MHz, 2.048 MHz, or 4.096 MHz signal. The PLL can be easily bypassed to allow direct drive of the backplane with an appropriate oscillator. A prototype area has been provided for breadboarding more complex applications.

The E1XC EVBD evaluation daughterboard is configured, monitored, and powered through an edge connector that is designed to mate with the EVMB evaluation motherboard




Similar Part No. - PM6541

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
logo
Powerbox
PM65 POWERBOX-PM65 Datasheet
591Kb / 2P
50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
logo
Tumbler Technologies + ...
PM65-10A TRUMPOWER-PM65-10A Datasheet
220Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
logo
Powerbox
PM65-10A POWERBOX-PM65-10A Datasheet
591Kb / 2P
50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
logo
Tumbler Technologies + ...
PM65-12A TRUMPOWER-PM65-12A Datasheet
220Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
More results


Similar Description - PM6541

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ICB002V1 STMICROELECTRONICS-STEVAL-ICB002V1 Datasheet
105Kb / 4P
Capacitive touch daughterboard based on the STMPE821
25-Feb-2010
logo
Maxim Integrated Produc...
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
Evaluation System/Evaluation Kit
Rev 1; 3/07
MAX11040K MAXIM-MAX11040K_12 Datasheet
1Mb / 32P
MAX11040K Evaluation Kit/Daughterboard
Rev 0; 11/11
logo
ON Semiconductor
AM306228R1DBGEVB ONSEMI-AM306228R1DBGEVB Datasheet
113Kb / 1P
Bill of Materials for the AM306228R1DBGEVB Daughterboard
2/11/2010
logo
STMicroelectronics
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
STEVAL-TLL008V2 STMICROELECTRONICS-STEVAL-TLL008V2 Datasheet
262Kb / 4P
Camera flash with SuperCap™ daughterboard based on the STCF04
June 2012 Rev 1
logo
Maxim Integrated Produc...
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX11040DB MAXIM-MAX11040DB Datasheet
1Mb / 31P
MAX11040 Evaluation Kit/Daughterboard
Rev 1; 5/10
logo
STMicroelectronics
STEVAL-IKR002V4D STMICROELECTRONICS-STEVAL-IKR002V4D Datasheet
190Kb / 4P
SPIRIT1 868 MHz low data rate tansceiver daughterboard
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com