Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM73121 Datasheet (PDF) - PMC-Sierra, Inc

PM73121 Datasheet PDF - PMC-Sierra, Inc
Part # PM73121
Download  PM73121 Download
File Size   2300.48 Kbytes
Page   223 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description AAL1 Segmentation And Reassembly Processor

PM73121 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM73121 Datasheet PDF - PMC-Sierra, Inc

Part # PM73121
Download  PM73121 Click to download

File Size   2300.48 Kbytes
Page   223 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description AAL1 Segmentation And Reassembly Processor

PM73121 Datasheet (HTML) - PMC-Sierra, Inc


PM73121 Product details

Description
The AAL1 Segmentation And Reassembly (SAR) Processor (AAL1gator II™) provides DS1, E1, E3, or DS3 line interface access to an ATM Adaptation Layer One (AAL1) Constant Bit Rate (CBR) ATM network. It arbitrates access to an external SRAM for storage of the configuration, the user data, and the statistics. The device provides a microprocessor interface for configuration, management, and statistics gathering. PMC-Sierra also offers a software device control package for the AAL1gator II device.

FEATURES
Circuit Interface Features
• Provides AAL1 segmentation and reassembly of eight 2 Mbit/s data streams or one 45 Mbit/s or less data stream.
• Supports 256 Virtual Channels (VCs) (32 per line).
• Supports n × 64 structured data format.
• Supports arbitrary timeslot-to-VC mappings, including alternating timeslots.
• Provides Common Channel Signaling (CCS) and Channel Associated Signaling (CAS) configuration options.
• Provides per-VC data and signaling conditioning in both the transmit and the receive directions.
• Arbitrates a 16-bit microprocessor interface to a 128K × 16 (12 ns) SRAM.
• Supports multicast connections, ATM Monitoring (AMON), Remote Monitoring (RMON), and ATM Circuit Steering (ACS).
• Supports adaptive clocking in Structured Data Format, Frame-based (SDF-FR), Structured Data Format, Multiframe-based (SDF-MF), and Unstructured Data Format, Multiple Line (UDF-ML) modes.

Transmit Cell Interface Features
• Provides an ATM-layer or PHY-layer 33 MHz UTOPIA interface. Both Single PHY (SPHY) and Multi-PHY (MPHY) modes are supported.
• Provides per-VC transmit queueing.
• Provides a calendar queue service algorithm that produces minimal Cell Delay Variation (CDV).
• Provides a supervisory transmit buffer for Operations, Administration, and Maintenance (OAM), and for ATM signaling.
• Generates pointers for structured data transmission.
• Provides sequence number and sequence number protection generation.
• Provides partially filled cell generation with the length configurable on a per-VC basis.
• Generates and transmits Synchronous Residual Time Stamp (SRTS) values for unstructured modes.
• Built-in transmit line clock generation based on received SRTS values, receive line clock, or a nominal frequency.

Receive Cell Interface Features
• Provides an ATM-layer or PHY-layer 33 MHz UTOPIA interface. Both SPHY and MPHY modes are supported.
• Provides per-VC queues.
• Provides per-VC CDV tolerance settings.
• Provides per-VC partially filled cell length settings.
• Provides a supervisory receive queue for OAM cells.
• Verifies and corrects sequence numbers in accordance with ITU-T Recommendation I.363.1.
• Processes sequence numbers in accordance with the “Fast SN Algorithm”, as specified in the ITU-T Recommendation I.363.1.
• Maintains bit integrity through individual errored cells or up to six lost cells. Takes into account pointer bytes.
• During underruns, can output fixed, pseudorandom, or old data.
• Provides processor interrupts for OAM cell receptions.
• Provides a multiplexed interface to external receive Phase-Locked Loops (PLLs) for SRTS clock recovery for unstructured modes or adaptive clock recovery.

Statistics Features
• Counts invalid Cyclic Redundancy Check (CRC) values for sequence numbers.
• Counts OAM cells and dropped OAM cells.
• Counts data cells transmitted per VC.
• Counts conditioned data cells transmitted per VC.
• Counts cells not transmitted due to line resynchronization per VC.
• Counts cells received, dropped, lost, or misinserted per VC.
• Counts cells with incorrect Sequence Number (SN) or incorrect Sequence Number Protection (SNP).
• Counts underrun occurrences per VC.
• Counts overrun occurrences per VC.
• Counts pointer reframes and pointer parity errors per VC.




Similar Part No. - PM73121

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM73122 PMC-PM73122 Datasheet
4Mb / 489P
32 LINK CES/DBCES AAL1 SAR PROCESSOR
PM73122-BI PMC-PM73122-BI Datasheet
4Mb / 489P
32 LINK CES/DBCES AAL1 SAR PROCESSOR
PM73123 PMC-PM73123 Datasheet
2Mb / 2P
8 LINK CES/DBCES AAL1 SAR
PM73123 PMC-PM73123 Datasheet
55Kb / 2P
8 Link CES/DBCES AAL1 SAR
PM73123-PI PMC-PM73123-PI Datasheet
2Mb / 2P
8 LINK CES/DBCES AAL1 SAR
More results


Similar Description - PM73121

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM73122 PMC-PM73122 Datasheet
4Mb / 489P
32 LINK CES/DBCES AAL1 SAR PROCESSOR
PM73123 PMC-PM73123 Datasheet
2Mb / 2P
8 LINK CES/DBCES AAL1 SAR
PM73123 PMC-PM73123 Datasheet
55Kb / 2P
8 Link CES/DBCES AAL1 SAR
PM73124 PMC-PM73124 Datasheet
82Kb / 2P
4 Link CES/DBCES AAL1 SAR
logo
Integrated Device Techn...
IDT77901C IDT-IDT77901C Datasheet
76Kb / 5P
NICStAR Evaluation Board for IDT77201 PCI Segmentation and Reassembly Controller
IDT77911 IDT-IDT77911 Datasheet
76Kb / 5P
NICStAR Evaluation Board for IDT77211 PCI Segmentation and Reassembly Controller
logo
Mitel Networks Corporat...
MT90500 MITEL-MT90500 Datasheet
514Kb / 159P
Multi-Channel ATM AAL1 SAR
logo
Zarlink Semiconductor I...
MT90503 ZARLINK-MT90503 Datasheet
1Mb / 233P
2048VC AAL1 SAR
logo
Texas Instruments
TNETA1570 TI1-TNETA1570 Datasheet
898Kb / 68P
ATM SEGMENTATION AND REASSEMBLY DEVICE WITH INTEGRATED 64-BIT PCI-HOST INTERFACE
TNETA1575 TI1-TNETA1575 Datasheet
693Kb / 45P
ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com