Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM73123 Datasheet (PDF) - PMC-Sierra, Inc

PM73123 Datasheet PDF - PMC-Sierra, Inc
Part # PM73123
Download  PM73123 Download
File Size   2944.76 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 8 LINK CES/DBCES AAL1 SAR

PM73123 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM73123 Datasheet PDF - PMC-Sierra, Inc

Part # PM73123
Download  PM73123 Click to download

File Size   2944.76 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 8 LINK CES/DBCES AAL1 SAR

PM73123 Datasheet (HTML) - PMC-Sierra, Inc


PM73123 Product details

DESCRIPTION
The AAL1gator-8 AAL1 Segmentation And Reassembly (SAR) Processor is a monolithic single chip device that provides DS1, E1, E3, or DS3 line interface access to an ATM Adaptation Layer One (AAL1) Constant Bit Rate (CBR) ATM network. It arbitrates access to an external SRAM for storage of the configuration, the user data, and the statistics. The device provides a microprocessor interface for configuration, management, and statistics gathering. PMC-Sierra also provides a software device driver for the AAL1gator-8 device.

FEATURES
The AAL1gator-8 AAL1 Segmentation And Reassembly (SAR) Processor is a monolithic single chip device that provides DS1, E1, E3, or DS3 line interface access to an ATM Adaptation Layer One (AAL1) Constant Bit Rate (CBR) ATM network. It arbitrates access to an external SRAM for storage of the configuration, the user data, and the statistics. The device provides a microprocessor interface for configuration, management, and statistics gathering. PMC-Sierra also provides a software device driver for the AAL1gator-8 device.
• Compliant with the ATM Forum’s Circuit Emulation Services (CES) specification (AF-VTOA-0078), and the ITU-T I.363.1
• Supports Dynamic Bandwidth Circuit Emulation Services (DBCES). Compliant with the ATM Forum’s DBCES specification (AF-VTOA- 0085). Supports idle channel detection via processor intervention, CAS signaling, or data pattern detection. Provides idle channel indication on a per channel basis.
• Supports non-DBCES idle channel detection by activating a queue when any of its constituent time slots are active, and deactivating a queue when all of its constituent time slots are inactive.
• Provides AAL1 segmentation and reassembly of 8 individual E1 or T1 lines, 2 H-MVIP lines at 8 MHz, or 1 E3 or DS3 or STS-1 unstructured line.
• Provides a standard UTOPIA level 2 Interface which optionally supports parity and runs up to 52 MHz. Only Cell Level Handshaking is supported. The following modes are supported:
   • 8/16-bit Level 2, Multi-Phy Mode (MPHY)
   • 8/16-bit Level 1, SPHY
   • 8-bit Level 1, ATM Master
• Provides an optional 8/16-bit Any-PHY slave interface.
• Supports up to 256 Virtual Channels (VC).
• Supports n x 64 (consecutive channels) and m x 64 (non-consecutive channels) structured data format.
• Provides transparent transmission of Common Channel Signaling (CCS) and Channel Associated Signaling (CAS). Provides for termination of CAS signaling.
• Allows the CAS nibble to be coincident with either the first or second nibble of the data.
• Provides per-VC data and signaling conditioning in the transmit cell direction and per DS0 data and signaling conditioning in the transmit line direction. Data and signaling conditioning can be individually enabled. Includes DS3 AIS conditioning support in both directions. Transmit line conditioning options include programmable byte pattern, pseudo-random pattern or old data. Conditioning automatically occurs on underruns.
• In Cell Transmit direction, provides per-VC configuration of time slots allocated, CAS signaling support, partial cell size, data and signaling conditioning, ATM Cell header definition. Generates AAL1 sequence numbers, pointers and SRTS values in accordance with ITU-T I.363.1. Multicast connections are supported.
• In Cell Transmit direction provides counters for:
   • Conditioned cells transmitted for each queue
   • Cells which were suppressed for each queue
   • Total number of cells transmitted for each queue
• In Cell Receive direction, provides per-VC configuration of time slots allocated, CAS signaling support, partial cell size, sequence number processing options, cell delay variation tolerance buffer depth, maximum buffer depth. Processes AAL1 headers in accordance with ITU-T I.363.1.

APPLICATIONS
• Multi-service ATM Switch
• ATM Access Concentrator
• Digital Cross Connect
• Computer Telephony Chassis with ATM infrastructure
• Wireless Local Loop Back Haul
• ATM Passive Optical Network Equipment




Similar Part No. - PM73123

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM73123 PMC-PM73123 Datasheet
55Kb / 2P
8 Link CES/DBCES AAL1 SAR
More results


Similar Description - PM73123

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM73121 PMC-PM73121 Datasheet
2Mb / 223P
AAL1 Segmentation And Reassembly Processor
PM73122 PMC-PM73122 Datasheet
4Mb / 489P
32 LINK CES/DBCES AAL1 SAR PROCESSOR
PM73123 PMC-PM73123 Datasheet
55Kb / 2P
8 Link CES/DBCES AAL1 SAR
PM73124 PMC-PM73124 Datasheet
82Kb / 2P
4 Link CES/DBCES AAL1 SAR
logo
Mitel Networks Corporat...
MT90500 MITEL-MT90500 Datasheet
514Kb / 159P
Multi-Channel ATM AAL1 SAR
logo
Zarlink Semiconductor I...
MT90503 ZARLINK-MT90503 Datasheet
1Mb / 233P
2048VC AAL1 SAR
MT90520 ZARLINK-MT90520 Datasheet
1Mb / 180P
8-Port Primary Rate Circuit Emulation AAL1 SAR
MT90528 ZARLINK-MT90528 Datasheet
1Mb / 195P
28-Port Primary Rate Circuit Emulation AAL1 SAR
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
PHOENIX CONTACT
0801671 PHOENIX-0801671 Datasheet
67Kb / 4P
Blind sleeve - CES-LRG-BK
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com