Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3300MODENIAMOZR Datasheet (PDF) - Texas Instruments

CC3300MODENIAMOZR Datasheet PDF - Texas Instruments
Part # CC3300MODENIAMOZR
Download  CC3300MODENIAMOZR Download
File Size   806.2 Kbytes
Page   13 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module

CC3300MODENIAMOZR Datasheet (PDF)

Go To PDF Page Download Datasheet
CC3300MODENIAMOZR Datasheet PDF - Texas Instruments

Part # CC3300MODENIAMOZR
Download  CC3300MODENIAMOZR Click to download

File Size   806.2 Kbytes
Page   13 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module

CC3300MODENIAMOZR Datasheet (HTML) - Texas Instruments


CC3300MODENIAMOZR Product details

1 Features
Key Features
• Wi-Fi 6 (802.11ax)
• Bluetooth®Low Energy 5.4 in CC33x1MOD
• Companion module to any processor or MCU host
capable of running a TCP/IP stack
• Integrated 2.4GHz PA for complete wireless
system with up to +18dBm output power
• Operating temperature: –40°C to +85°C
• Application throughput up to 50Mbps
• Regulatory Certification (in progress)
– FCC
– IC/ISED
– ETSI/CE
– TELEC
• QuickTrack Qualified
• Bluetooth Controller Subsystem Qualified
Extended Features
• Wi-Fi 6
– 2.4GHz, 20MHz, single spatial stream
– MAC, baseband, and RF transceiver with
support for IEEE 802.11 b/g/n/ax
– Target wake time (TWT), OFDMA, MU-MIMO
(downlink), Basic Service Set Coloring, and
trigger frame for improved efficiency
– Hardware-based encryption and decryption
supporting WPA2 and WPA3
– Excellent interoperability
– Support for 4-bit SDIO or SPI host interfaces
• Bluetooth Low Energy 5.4
– LE Coded PHYs (long range), LE 2M PHY
(high speed) and Advertising Extension
– Host controller interface (HCI) transport with
option for UART or shared SDIO
– Internal coexistence mechanism with Wi-Fi to
share same antenna
• Enhanced Security
– Secured host interface
– Firmware authentication
– Anti-rollback protection
• Multirole support (for example, concurrent STA and
AP) to connect with Wi-Fi devices on different RF
channels (Wi-Fi networks)
• Optional antenna diversity or selection
• 3-wire or 1-wire PTA for external coexistence with
additional 2.4GHz radios (for example, Thread or
Zigbee)
• Clock sources
– 40MHz XTAL fast clock (Integrated in the
module)
– Internal slow clock or external 32.768kHz slow
clock
• Small package size
– Easy to design with 65-pin, 11mm × 11mm LGA
package, 0.65mm pitch

2 Applications
• Grid infrastructure
– Electricity meter
– String inverter
– Microinverter
– Energy storage power conversion system
(PCS)
– EV charging infrastructure
• Building and home automation
– HVAC controller
– HVAC gateway
– Thermostat
– Building security gateway
– Garage door system
– IP network camera and video doorbell
– Wireless security camera
• Appliances
– Refrigerator and freezer
– Oven
– Washer and dryer
– Residential water heater and heating system
– Air purifier and humidifier
– Coffee machine
– Air conditioner indoor unit
– Vacuum robot
– Robotic lawn mower
• Medical
– Infusion pump
– Electronic hospital bed and bed control
– Multiparameter patient monitor
– Blood pressure monitor
– CPAP machine
– Telehealth systems
– Ultrasound scanner
– Ultrasound smart probe
– Electric toothbrush
• Retail Automation and Payment
• Printers

3 Description
The SimpleLink™ Wi-Fi CC33xx family of devices is where affordability meets reliability, enabling engineers to
connect more applications with confidence. CC330xMOD are certified modules designed to simplify hardware
design and reduce time-to-market.
• CC3300MOD: A 2.4GHz Wi-Fi 6 companion module
• CC3301MOD: A 2.4GHz Wi-Fi 6 and Bluetooth Low Energy 5.4 companion module
The CC330xMOD offers the latest standards from Wi-Fi and BLE while maintaining compatibility with Wi-Fi
4 (802.11 b/g/n) and Wi-Fi 5 (802.11ac). These CC330xMOD are based on the 10th-generation connectivity
combo chip from Texas Instruments. As such, the CC330xMOD is based on proven technology. These modules
are an excellent choice to use in cost-sensitive embedded applications with a Linux or RTOS host running
TCP/IP. CC330xMOD brings the efficiency of Wi-Fi 6 to embedded device applications for the Internet of Things
(IoT).




Similar Part No. - CC3300MODENIAMOZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3300MODENIAMOZR TI2-CC3300MODENIAMOZR Datasheet
1Mb / 35P
CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
REVISED AUGUST 2025
More results


Similar Description - CC3300MODENIAMOZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
WL1801MOD TI1-WL1801MOD_16 Datasheet
1Mb / 46P
WL18xxMOD WiLink 8 Single-Band Combo Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
WL1807MOD TI1-WL1807MOD_16 Datasheet
1Mb / 45P
WL18x7MOD WiLink 8 Dual-Band Industrial Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
SimpleLink Bluetooth low energy Wireless MCU
logo
Abracon Corporation
APAMBJ-145 ABRACON-APAMBJ-145 Datasheet
3Mb / 3P
Bluetooth/Wi-Fi Antenna Module
02.09.16
logo
Texas Instruments
CC2642R-Q1 TI-CC2642R-Q1_V01 Datasheet
1Mb / 54P
CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
Texas Instruments
CC3301 TI-CC3301 Datasheet
594Kb / 10P
CC330x SimpleLink™ Wi-Fi® 6 and Bluetooth® Low Energy Transceiver
MARCH 2023
logo
Renesas Technology Corp
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
logo
Texas Instruments
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
logo
Nordic Semiconductor
NRF7002 NORDIC-NRF7002 Datasheet
283Kb / 1P
Low-power Wi-Fi 6 companion IC providing seamless connectivity and Wi-Fi-based locationing
Version 1.0
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com