Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7324 Datasheet (PDF) - PMC-Sierra, Inc

PM7324 Datasheet PDF - PMC-Sierra, Inc
Part # PM7324
Download  PM7324 Download
File Size   59.53 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SATURN User Network Interface ATM Layer Solution

PM7324 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM7324 Datasheet PDF - PMC-Sierra, Inc

Part # PM7324
Download  PM7324 Click to download

File Size   59.53 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SATURN User Network Interface ATM Layer Solution

PM7324 Datasheet (HTML) - PMC-Sierra, Inc


PM7324 Product details

FEATURES
Point form summary of features.
• Monolithic single chip device which handles bi-directional ATM Layer functions including
   VPI/VCI address translation, cell appending (ingress only), cell rate policing (ingress only),
   per-connection counting and I.610 compliant OAM requirements for 65536 VCs (virtual
   connections).
• Instantaneous bi-directional transfer rate of 800 Mbit/s supports a bi-directional cell transfer
   rate of 1.42x106 cells/s (one STS-12c or four STS-3c).
• The Ingress input interface supports an 8 or 16 bit SCI-PHY interface using direct addressing
   for up to 4 PHY devices (compatible with Utopia Level 1 cell-level handshaking) and Multi-PHY
   addressing for up to 32 PHY devices (Utopia Level 2 compatible).
• The Ingress output interface supports an 8 or 16 bit SCI-PHY (52 – 64 byte extended ATM cell
   with prepend/postpend) interface (compatible with Utopia Level 1 cell-level handshaking) to a
   switch fabric.
• The Egress input interface supports an 8 or 16 bit extended cell format SCI-PHY interface
   using direct addressing for up to 4 PHY devices (compatible with Utopia Level 1 cell-level
   handshaking) and Multi-PHY addressing for up to 32 PHY devices (Utopia Level 2
   compatible).
• The Egress output interface supports an 8 or 16 bit extended cell format SCI-PHY interface
   using direct addressing for up to 4 PHY devices (compatible with Utopia Level 1 cell-level
   handshaking) and Multi-PHY addressing for up to 32 PHY devices (Utopia Level 2
   compatible).
• Compatible with a wide range of switching fabrics and traffic management architectures
   including per-VC or per-PHY queuing.
• Highly flexible OAM-type cell and connection identification which can use arbitrary
   PHYID/VPI/VCI values and/or cell appended bytes for connection identification (N.B. this is an
   ingress function only). A direct lookup function is provided in the egress direction. The direct
   lookup can use an arbitrary header or prepend/postpend location.
• Ingress functionality includes a highly flexible search engine that covers the entire
   PHYID/VPI/VCI address range, programmable dual leaky bucket UPC/NPC, per-connection
   CLP0 and CLP1 cell counts (programmable), OAM-PM termination, generation and
   monitoring, and OAM-FM termination, generation and alarm generation (monitoring).
• Egress functionality includes programmable direct lookup function, OAM-PM termination,
   generation and monitoring, per-connection CLP0 and CLP1 cell counts (programmable) and
   OAM-FM termination, generation and alarm generation (monitoring). An egress per-PHY
   output buffering scheme resolves the head-of-line blocking issue.
• UPC/NPC function is a programmable dual leaky bucket policing device with a programmable
   action (tag, discard, or count only) for each bucket. A total of 3 programmable 16 bit
   noncompliant cell counts are provided. The non-compliant cell counts may be programmed to
   count, for example, dropped CLP0 cells, dropped CLP1 cells, and tagged CLP0 cells. The
   UPC/NPC function also has a continuously violating mode, where a programmable action is
   taken on all cells regardless of their compliance. AAL5 partial packet discard is also provided
   so that the remainder of an AAL5 packet can be tagged or discarded if a single cell in the
   packet is tagged or discarded as a result of violating policing.
• In addition to the per-connection dual leaky bucket, a single leaky bucket UPC/NPC function is
   provided on a per-PHY basis. A programmable action (tag, discard or count only) may be
   configured for each PHY policing device. Three programmable non-compliant cell counts are
   provided for each PHY. The non-compliant cell counts may be programmed to count, for
   example, dropped CLP0 cells, dropped CLP1 cells and tagged CLP0 cells. The per-PHY
   policing parameters and non-compliant cell counts are maintained in an on-chip RAM that can
   be programmed and read via the 16-bit general purpose microprocessor interface.
• Guaranteed Frame Rate frame-based policing selectable on a per-connection basis.

APPLICATIONS
• Wide Area Network ATM Core and Edge switches.
• ATM Enterprise and Workgroup switches.
• Broadband Access multiplexers.
• XDSL Access Multiplexers (DSLAMs).




Similar Part No. - PM7324

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7324 PMC-PM7324 Datasheet
1Mb / 473P
S/UNI-ATM LAYER SOLUTION
PM7324 PMC-PM7324 Datasheet
49Kb / 2P
SATURN User Network Interface ATM Layer Solution
PM7324-1 PMC-PM7324-1 Datasheet
49Kb / 2P
SATURN User Network Interface ATM Layer Solution
PM7324-BI PMC-PM7324-BI Datasheet
1Mb / 473P
S/UNI-ATM LAYER SOLUTION
More results


Similar Description - PM7324

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
SATURN USER NETWORK INTERFACE
PM5348 PMC-PM5348 Datasheet
66Kb / 2P
Two-Channel ATM SATURN User Network Interface
PM5356 PMC-PM5356 Datasheet
1Mb / 307P
SATURN USER NETWORK INTERFACE (622-MAX)
PM5346-1 PMC-PM5346-1 Datasheet
70Kb / 11P
SATURN USER NETWORK INTERFACE (LITE)
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
SATURN USER NETWORK INTERFACE
PM5347S PMC-PM5347S Datasheet
897Kb / 302P
SATURN USER NETWORK INTERFACE PLUS
PM5348-1 PMC-PM5348-1 Datasheet
941Kb / 238P
DUAL SATURN USER NETWORK INTERFACE
PM7324-1 PMC-PM7324-1 Datasheet
49Kb / 2P
SATURN User Network Interface ATM Layer Solution
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
SATURN USER NETWORK INTERFACE
PM7345S PMC-PM7345S Datasheet
1Mb / 306P
SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com