Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7324 Datasheet (PDF) - PMC-Sierra, Inc

PM7324 Datasheet PDF - PMC-Sierra, Inc
Part # PM7324
Download  PM7324 Download
File Size   49.13 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SATURN User Network Interface ATM Layer Solution

PM7324 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM7324 Datasheet PDF - PMC-Sierra, Inc

Part # PM7324
Download  PM7324 Click to download

File Size   49.13 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SATURN User Network Interface ATM Layer Solution

PM7324 Datasheet (HTML) - PMC-Sierra, Inc


PM7324 Product details

FEATURES
• Monolithic single chip device which handles bi-directional ATM Layer functions including VPI/VCI address translation, cell appending, policing (ingress only), cell counting and OAM requirements for 65536 VCs (virtual connections).
• Instantaneous bi-directional transfer rate of 800 Mbit/s supports a bidirectional cell transfer rate of 1.42x106 cells/s.
• Ingress input interface supports an 8 or 16 bit PHY interface using direct addressing for up to 4 PHY devices (Utopia Level 1) and Multi-PHY addressing for up to 32 PHY devices (Utopia Level 2).
• Ingress output interface supports an 8 or 16 bit SCI-PHY (52 - 64 byte cell) interface (Utopia Level 1) to a switch fabric.
• Egress input and output interfaces support an 8 or 16 bit SCI-PHY (52 - 64 byte cell) interface using direct addressing for up to 4 PHY devices (Utopia Level 1) and Multi-PHY addressing for up to 32 PHY devices (Utopia Level 2).
• Compatible with a wide range of switching fabrics and traffic management architectures.
• Ingress functionality includes a highly flexible search engine that covers the entire PHYID/VPI/VCI address range, dual leaky bucket policing, per-VC cell counts, OAM-FM and OAM-PM processing.
• Egress functionality includes direct address lookup, per-VC cell counts, OAM-FM and OAM-PM processing. Per-PHY output buffering scheme resolves the head-of-line blocking issue.
• Includes a FIFO buffered 16-bit microprocessor bus interface for cell insertion and extraction, deterministic VC Table access, status monitoring and configuration of the device.
• Supports DMA access for cell extraction.
• The UTOPIA and external SRAM interfaces are 52 MHz max.

APPLICATIONS
• WAN ATM Core and Edge Switches
• ATM Enterprise and Workgroup Switches
• Access Switches/Multiplexers




Similar Part No. - PM7324

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7324 PMC-PM7324 Datasheet
59Kb / 4P
SATURN User Network Interface ATM Layer Solution
PM7324 PMC-PM7324 Datasheet
1Mb / 473P
S/UNI-ATM LAYER SOLUTION
PM7324-BI PMC-PM7324-BI Datasheet
1Mb / 473P
S/UNI-ATM LAYER SOLUTION
More results


Similar Description - PM7324

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
SATURN USER NETWORK INTERFACE
PM5348 PMC-PM5348 Datasheet
66Kb / 2P
Two-Channel ATM SATURN User Network Interface
PM5356 PMC-PM5356 Datasheet
1Mb / 307P
SATURN USER NETWORK INTERFACE (622-MAX)
PM7324 PMC-PM7324 Datasheet
59Kb / 4P
SATURN User Network Interface ATM Layer Solution
PM5346-1 PMC-PM5346-1 Datasheet
70Kb / 11P
SATURN USER NETWORK INTERFACE (LITE)
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
SATURN USER NETWORK INTERFACE
PM5347S PMC-PM5347S Datasheet
897Kb / 302P
SATURN USER NETWORK INTERFACE PLUS
PM5348-1 PMC-PM5348-1 Datasheet
941Kb / 238P
DUAL SATURN USER NETWORK INTERFACE
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
SATURN USER NETWORK INTERFACE
PM7345S PMC-PM7345S Datasheet
1Mb / 306P
SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com