Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68033 Datasheet (PDF) - Cypress Semiconductor

CY7C68033 Datasheet PDF - Cypress Semiconductor
Part # CY7C68033
Download  CY7C68033 Download
File Size   1525.57 Kbytes
Page   33 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description EZ-USB NX2LP-Flex??Flexible USB NAND Flash Controller

CY7C68033 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C68033 Datasheet PDF - Cypress Semiconductor

Part # CY7C68033
Download  CY7C68033 Click to download

File Size   1525.57 Kbytes
Page   33 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description EZ-USB NX2LP-Flex??Flexible USB NAND Flash Controller

CY7C68033 Datasheet (HTML) - Cypress Semiconductor


CY7C68033 Product details

Overview
Cypress Semiconductor Corporation’s EZ-USB NX2LP-Flex (CY7C68033/CY7C68034) is a firmware-based, programmable version of the EZ-USB NX2LP™ (CY7C68023/CY7C68024), which is a fixed-function, low power USB 2.0 NAND Flash controller. By integrating the USB 2.0 transceiver, serial interface engine (SIE), enhanced 8051 microcontroller, and a programmable peripheral interface in a single chip, Cypress has created a very cost-effective solution that enables feature-rich NAND Flash-based applications.

Applications
The NX2LP-Flex enables designers to add extra functionality to basic NAND Flash mass storage designs, or to interface them with other peripheral devices. Applications may include:
■ NAND Flash-based GPS devices
■ NAND Flash-based DVB video capture devices
■ Wireless pointer/presenter tools with NAND Flash storage
■ NAND Flash-based MPEG/TV conversion devices
■ Legacy conversion devices with NAND Flash storage
■ NAND Flash-based cameras
■ NAND Flash mass storage device with biometric (e.g., finger-print) security
■ Home PNA devices with NAND Flash storage
■ Wireless LAN with NAND Flash storage
■ NAND Flash-based MP3 players
■ LAN networking with NAND Flash storage




Similar Part No. - CY7C68033

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68033-56LFXC CYPRESS-CY7C68033-56LFXC Datasheet
1Mb / 34P
EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
CY7C68033-56LTXC CYPRESS-CY7C68033-56LTXC Datasheet
1Mb / 34P
EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
CY7C68033 CYPRESS-CY7C68033_09 Datasheet
1Mb / 34P
EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
CY7C68033 CYPRESS-CY7C68033_12 Datasheet
557Kb / 40P
EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
More results


Similar Description - CY7C68033

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CS5954AM CYPRESS-CS5954AM Datasheet
411Kb / 44P
USB Controller for NAND Flash
CY7C68023 CYPRESS-CY7C68023 Datasheet
192Kb / 9P
EZ-USB NX2LP USB 2.0 NAND Flash Controller
logo
ELAN Microelectronics C...
EKF5250 EMC-EKF5250 Datasheet
299Kb / 11P
USB full speed NAND flash controller
logo
Cypress Semiconductor
CY7C68023 CYPRESS-CY7C68023_09 Datasheet
429Kb / 10P
EZ-USB NX2LP USB 2.0 NAND Flash Controller
CY7C68033 CYPRESS-CY7C68033_09 Datasheet
1Mb / 34P
EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023_11 Datasheet
447Kb / 10P
EZ-USB NX2LP USB 2.0 NAND Flash Controller 3.3 V NAND Flash Operation
CYUSB3014_1107 CYPRESS-CYUSB3014_1107 Datasheet
441Kb / 38P
EZ-USB FX3 SuperSpeed USB Controller
CY7C68023 CYPRESS-CY7C68023_12 Datasheet
220Kb / 9P
EZ-USB NX2LP??USB 2.0 NAND Flash Controller
CY7C68033 CYPRESS-CY7C68033_12 Datasheet
557Kb / 40P
EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
logo
Infineon Technologies A...
CYUSB3015 INFINEON-CYUSB3015 Datasheet
460Kb / 39P
EZ-USB SX3: Configurable SuperSpeed USB Controller
Revised June 14, 2021
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com