Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5560-ISZ Datasheet (PDF) - Cirrus Logic

CS5560-ISZ Datasheet PDF - Cirrus Logic
Part # CS5560-ISZ
Download  CS5560-ISZ Download
File Size   693.17 Kbytes
Page   32 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC

CS5560-ISZ Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5560-ISZ Datasheet PDF - Cirrus Logic

Part # CS5560-ISZ
Download  CS5560-ISZ Click to download

File Size   693.17 Kbytes
Page   32 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC

CS5560-ISZ Datasheet (HTML) - Cirrus Logic


CS5560-ISZ Product details

General Description
The CS5560 is a single-channel, 24-bit analog-to-digital converter capable of 50 kSps conversion rate. The input accepts a fully differential analog input signal. On-chip buffers provide high input impedance for both the AIN inputs and the VREF+ input. This significantly reduces the drive requirements of signal sources and reduces errors due to source impedances. The CS5560 is a delta-sigma converter capable of switching multiple input channels at a high rate with no loss in throughput. The ADC uses a low-latency digital filter architecture.

Features
❐ Differential Analog Input
❐ On-chip Buffers for High Input Impedance
❐ Conversion Time = 20 µS
❐ Settles in One Conversion
❐ Linearity Error = 0.0007%
❐ Signal-to-Noise = 110 dB
❐ 24 Bits, No Missing Codes
❐ Self-calibration:
    - Maintains accuracy over time & temperature.
❐ Simple three/four-wire serial interface
❐ Power Supply Configurations:
    - Analog: +5V/GND; IO: +1.8V to +3.3V
    - Analog: ±2.5V; IO: +1.8V to +3.3V
❐ Power Consumption:
    - ADC Input Buffers On: 85 mW
    - ADC Input Buffers Off: 70 mW




Similar Part No. - CS5560-ISZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5560-ISZ CIRRUS-CS5560-ISZ Datasheet
583Kb / 32P
짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
CS5560-ISZ CIRRUS-CS5560-ISZ Datasheet
556Kb / 32P
짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
More results


Similar Description - CS5560-ISZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5581 CIRRUS-CS5581 Datasheet
580Kb / 32P
짹2.5 V / 5 V, 200 kSps, 16-bit, High-throughput ?誇 ADC
CS5571 CIRRUS-CS5571 Datasheet
607Kb / 32P
짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
CS5560 CIRRUS-CS5560_08 Datasheet
583Kb / 32P
짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
CS5566 CIRRUS-CS5566 Datasheet
493Kb / 30P
짹2.5 V / 5 V, 5 kSps, 24-bit ?誇 ADC
CS5571 CIRRUS-CS5571_08 Datasheet
617Kb / 34P
짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
CS5581 CIRRUS-CS5581_08 Datasheet
517Kb / 32P
짹2.5 V / 5 V, 200 kSps, 16-bit, High-throughput ?誇 ADC
CS5560 CIRRUS-CS5560_09 Datasheet
556Kb / 32P
짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
CS5566 CIRRUS-CS5566_09 Datasheet
492Kb / 30P
짹2.5 V / 5 V, 5 kSps, 24-bit ?誇 ADC
logo
Analog Devices
AD7732BRUZ AD-AD7732BRUZ Datasheet
417Kb / 32P
2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
logo
Cirrus Logic
CDB5581 CIRRUS-CDB5581 Datasheet
636Kb / 26P
200 kSps, 16-bit, High-throughput ADC
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com