Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5566 Datasheet (PDF) - Cirrus Logic

CS5566 Datasheet PDF - Cirrus Logic
Part # CS5566
Download  CS5566 Download
File Size   493.59 Kbytes
Page   30 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 짹2.5 V / 5 V, 5 kSps, 24-bit ?誇 ADC

CS5566 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5566 Datasheet PDF - Cirrus Logic

Part # CS5566
Download  CS5566 Click to download

File Size   493.59 Kbytes
Page   30 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 짹2.5 V / 5 V, 5 kSps, 24-bit ?誇 ADC

CS5566 Datasheet (HTML) - Cirrus Logic


CS5566 Product details

General Description
The CS5566 is a single-channel, 24-bit analog-to-digital converter capable of 5 kSps conversion rate. The input accepts a fully differential analog input signal. On-chip buffers provide high input impedance for both the AIN inputs and the VREF+ input. This significantly reduces the drive requirements of signal sources and reduces errors due to source impedances. The CS5566 is a delta-sigma converter capable of switching multiple input channels at a high rate with no loss in throughput. The ADC uses a low-latency digital filter architecture.

Features
❐ Differential Analog Input
❐ On-chip Buffers for High Input Impedance
❐ Conversion Time = 200 μS
❐ Settles in One Conversion
❐ Linearity Error = 0.0005%
❐ Signal-to-Noise = 110 dB
❐ 24 Bits, No Missing Codes
❐ Simple three/four-wire serial interface
❐ Power Supply Configurations:
    - Analog: +5V/GND; IO: +1.8V to +3.3V
    - Analog: ±2.5V; IO: +1.8V to +3.3V
❐ Power Consumption: 20 mW @ 5 kSps




Similar Part No. - CS5566

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5566 CIRRUS-CS5566 Datasheet
492Kb / 30P
짹2.5 V / 5 V, 5 kSps, 24-bit ?誇 ADC
CS5566-ISZ CIRRUS-CS5566-ISZ Datasheet
492Kb / 30P
짹2.5 V / 5 V, 5 kSps, 24-bit ?誇 ADC
CS5566 CIRRUS-CS5566_09 Datasheet
492Kb / 30P
짹2.5 V / 5 V, 5 kSps, 24-bit ?誇 ADC
More results


Similar Description - CS5566

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5581 CIRRUS-CS5581 Datasheet
580Kb / 32P
짹2.5 V / 5 V, 200 kSps, 16-bit, High-throughput ?誇 ADC
CS5571 CIRRUS-CS5571 Datasheet
607Kb / 32P
짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
CS5560 CIRRUS-CS5560 Datasheet
693Kb / 32P
짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
CS5560 CIRRUS-CS5560_08 Datasheet
583Kb / 32P
짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
CS5571 CIRRUS-CS5571_08 Datasheet
617Kb / 34P
짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
CS5581 CIRRUS-CS5581_08 Datasheet
517Kb / 32P
짹2.5 V / 5 V, 200 kSps, 16-bit, High-throughput ?誇 ADC
CS5560 CIRRUS-CS5560_09 Datasheet
556Kb / 32P
짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
CS5566 CIRRUS-CS5566_09 Datasheet
492Kb / 30P
짹2.5 V / 5 V, 5 kSps, 24-bit ?誇 ADC
logo
Analog Devices
AD7899BRZ-1 AD-AD7899BRZ-1 Datasheet
242Kb / 16P
5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
AD7899 AD-AD7899_15 Datasheet
242Kb / 16P
5 V Single Supply 14-Bit 400 kSPS ADC
REV. A
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com