Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5566 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5566
Description  짹2.5 V / 5 V, 5 kSps, 24-bit ?誇 ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5566 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5566 Datasheet HTML 2Page - Cirrus Logic CS5566 Datasheet HTML 3Page - Cirrus Logic CS5566 Datasheet HTML 4Page - Cirrus Logic CS5566 Datasheet HTML 5Page - Cirrus Logic CS5566 Datasheet HTML 6Page - Cirrus Logic CS5566 Datasheet HTML 7Page - Cirrus Logic CS5566 Datasheet HTML 8Page - Cirrus Logic CS5566 Datasheet HTML 9Page - Cirrus Logic CS5566 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
CS5566
6
DS806PP1
3/25/08
SWITCHING CHARACTERISTICS
TA = -40 to +85 °C; V1+ = V2+ = +2.5 V, ±5%; V1- = V2- = -2.5 V, ±5%;
VL - VLR = 3.3 V, ±5%, 2.5 V, ±5%, or 1.8 V, ±5%
Input levels: Logic 0 = 0V Low; Logic 1 = VD+ = High; CL = 15 pF.
8.
BP/UP can be changed coincident CONV falling. BP/UP must remain stable until RDY falls.
9.
If CONV is held low continuously, conversions occur every 1600 MCLK cycles.
If RDY is tied to CONV, conversions will occur every 1602 MCLKs.
If CONV is operated asynchronously to MCLK, a conversion may take up to 1604 MCLKs.
RDY falls at the end of conversion.
10.
RDY will fall when the device is fully operational when coming out of sleep mode.
Figure 1. Converter Status (Not to scale)
Parameter
Symbol
Min
Typ
Max
Unit
Master Clock Frequency
Internal Oscillator
External Clock
XIN
fclk
6
0.5
7
8
8
8.1
MHz
MHz
Master Clock Duty Cycle
40
-
60
%
Reset
RST Low Time
tres
1-
-
µs
RST rising to RDY falling
Internal Oscillator
External Clock
twup
-
-
240
3084
-
-
µs
MCLKs
Conversion
CONV Pulse Width
tcpw
4-
-
MCLKs
BP/UP setup to CONV falling
(Note 8)
tscn
0-
-
ns
CONV low to start of conversion
tscn
-
1182
1186
MCLKs
Perform Single Conversion (CONV high before RDY falling)
tbus
20
-
-
MCLKs
Conversion Time
(Note 9)
Start of Conversion to RDY falling
tbuh
-
-
1604
MCLKs
Sleep Mode
SLEEP low to low-power state
SLEEP high to device active (Note 10)
tcon
tcon
-
-
50
3083
-
-
µs
MCLKs
1182 - 1186 MCLKs
Converter
Status
CONVERT
RDY
IDLE
IDLE
CONVERT
SDO
ACTIVE
tbus
354 + 64 MCLKs
1600 - 1604 MCLKs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com