Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5566 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS5566
Description  짹2.5 V / 5 V, 5 kSps, 24-bit ?誇 ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5566 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS5566 Datasheet HTML 22Page - Cirrus Logic CS5566 Datasheet HTML 23Page - Cirrus Logic CS5566 Datasheet HTML 24Page - Cirrus Logic CS5566 Datasheet HTML 25Page - Cirrus Logic CS5566 Datasheet HTML 26Page - Cirrus Logic CS5566 Datasheet HTML 27Page - Cirrus Logic CS5566 Datasheet HTML 28Page - Cirrus Logic CS5566 Datasheet HTML 29Page - Cirrus Logic CS5566 Datasheet HTML 30Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
CS5566
28
DS806PP1
3/25/08
SCLK – Serial Clock Input/Output, Pin 23
The SMODE pin determines whether the SCLK signal is an input or an output signal. SCLK
determines the rate at which data is clocked out of the SDO pin. If the converter is in SSC
mode, the SCLK frequency will be determined by the master clock frequency of the converter
(either MCLK or the internal oscillator). In SEC mode, the user determines the SCLK frequency.
If SMODE = VL (SSC Mode), SCLK will be in a high-impedance state when CS is high.
RDY – Ready, Pin 24
If CONV is low the converter will immediately start a conversion and RDY will remain high until
the conversion is completed. At the end of any conversion RDY falls to indicate that a conver-
sion word has been placed into the serial port. RDY will return high after all data bits are shifted
out of the serial port or two master clock cycles before new data becomes available if the CS pin
is inactive (high); or two master clock cycles before new data becomes available if the user
holds CS low but has not started reading the data from the converter when in SEC mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com