Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5566 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5566
Description  짹2.5 V / 5 V, 5 kSps, 24-bit ?誇 ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5566 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5566 Datasheet HTML 12Page - Cirrus Logic CS5566 Datasheet HTML 13Page - Cirrus Logic CS5566 Datasheet HTML 14Page - Cirrus Logic CS5566 Datasheet HTML 15Page - Cirrus Logic CS5566 Datasheet HTML 16Page - Cirrus Logic CS5566 Datasheet HTML 17Page - Cirrus Logic CS5566 Datasheet HTML 18Page - Cirrus Logic CS5566 Datasheet HTML 19Page - Cirrus Logic CS5566 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
CS5566
16
DS806PP1
3/25/08
3.3 Clock
The CS5566 can be operated from its internal oscillator or from an external master clock. The state of
MCLK determines which clock source will be used. If MCLK is tied low, the internal oscillator will start and
be used as the clock source for the converter. If an external CMOS-compatible clock is input into MCLK
the converter will power down the internal oscillator and use the external clock. If the MCLK pin is held
high, the internal oscillator will be held in the stopped state. The MCLK input can be held high to delete
clock cycles to aid in operating multiple converters in different phase relationships.
The internal oscillator can be used if the signals to be measured are essentially DC. The internal oscillator
exhibits jitter at about 500 picoseconds rms. If the CS5566 is used to digitize AC signals, an external
low-jitter clock source should be used.
If the internal oscillator is used as the clock for the CS5566, the maximum conversion rate will be dictated
by the oscillator frequency.
If driven from an external MCLK source, the fast rise and fall times of the MCLK signal can result in clock
coupling from the internal bond wire of the IC to the analog input. Adding a 50 ohm resistor on the external
MCLK source significantly reduces this effect.
3.4 Voltage Reference
The voltage reference for the CS5566 can range from 2.4 volts to 4.2 volts. A 4.096 volt reference is re-
quired to achieve the specified performance. Figure 8 and Figure 9 illustrate the connection of the voltage
reference with either a single +5 V analog supply or with ±2.5 V.
For optimum performance, the voltage reference device should be one that provides a capacitor connec-
tion to provide a means of noise filtering, or the output should include some type of bandwidth-limiting fil-
ter. Some 4.096 volt reference devices need only 5 volts total supply for operation and can be connected
as shown in Figure 8 or Figure 9. The reference should have a local bypass capacitor and an appropriate
output capacitor.
Some older 4.096 voltage reference designs require more headroom and must operate from an input volt-
age of 5.5 to 6.5 volts. If this type of voltage reference is used ensure that when power is applied to the
system, the voltage reference rise time is slower than the rise time of the V1+ and V1- power supply volt-
age to the converter. An example circuit to slow the output startup time of the reference is illustrated in
Figure 7.
Figure 7. Voltage Reference Circuit
2k
10
µF
5.5 to 15 V
VIN
VOUT
GND
4.096 V
Refer to V1- and VREF1 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com