Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7347 Datasheet (PDF) - PMC-Sierra, Inc

PM7347 Datasheet PDF - PMC-Sierra, Inc
Part # PM7347
Download  PM7347 Download
File Size   1861.58 Kbytes
Page   341 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SATURN USER NETWORK INTERFACE for J2/E3/T3

PM7347 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM7347 Datasheet PDF - PMC-Sierra, Inc

Part # PM7347
Download  PM7347 Click to download

File Size   1861.58 Kbytes
Page   341 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description SATURN USER NETWORK INTERFACE for J2/E3/T3

PM7347 Datasheet (HTML) - PMC-Sierra, Inc


PM7347 Product details

Description
The PM7346 S/UNI-JET is an ATM physical layer processor with integrated DS3, E3, and J2 framers. It supports PLCP sublayer DS1, DS3, E1, and E3 processing and ATM cell delineation.

Features
The S/UNI®-JET is a single chip Asynchronous Transfer Mode (ATM) User Network Interface (UNI) operating at 44.736 Mbit/s, 34.368 Mbit/s, and 6.312 Mbit/s that: • Conforms to AF-Physical (PHY)-0054.000, AF-PHY-0034.000 and AF-PHY-0029.000. • Implements ATM Direct Cell Mapping into DS1, DS3, E1, E3, and J2 transmission systems according to ITU-T Recommendation G.804.
• Provides a UTOPIA Level 2 compatible ATM-PHY Interface.
• Implements the Physical Layer Convergence Protocol (PLCP) for DS1 and DS3 transmission systems according to the ATM Forum User Network Interface Specification and ANSI TATSY-000773, TA-TSY-000772, and E1 and E3 transmission systems according to the ETSI 300-269 and ETSI 300-270.
• Supports Switched Multi-megabit Data Service (SMDS) and ATM mappings into various rate transmission systems as shown in Table 1:
• Implements the ATM physical layer for Broadband ISDN according to ITU-T Recommendation I.432.
• Provides on-chip DS3, E3 (G.751 and G.832), and J2 framers.
• Is configurable for sole DS3, E3, or J2 Framer use.
• Provides support for an arbitrary rate external transmission system interface up to a maximum rate of 52 Mbit/s, which enables the S/UNI-JET to be used as an ATM cell delineator.
• Uses the PMC-Sierra™ PM4351 COMET, PM4341 T1XC and PM6341 E1XC T1 and E1 framer/line interface chips for DS1 and E1 applications.
• Provides programmable pseudo-random test pattern generation, detection, and analysis features.
• Provides integral transmit and receive HDLC controller with 128-byte FIFO depth.
• Provides performance monitoring counters suitable for accumulation periods of up to 1 second.
• Provides an 8-bit microprocessor interface for configuration, control and status monitoring.
• Provides a standard 5 signal P1149.1 JTAG test port for boundary scan board test purposes.
• Uses low power 3.3V CMOS technology with 5V tolerant inputs.
• Is available in a 256-pin SBGA package (27mm x 27mm).

Applications
• ATM or SMDS Switches, Multiplexers, and Routers
• SONET/SDH Mux E3/DS3 Tributary Interfaces
• PDH Mux J2/E3/DS3 Line Interfaces
• DS3/E3/J2 Digital Cross Connect Interfaces
• DS3/E3/J2 PPP Internet Access Interfaces
• DS3/E3/J2 Frame Relay Interfaces
• DSLAM Uplinks




Similar Part No. - PM7347

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7347 PMC-PM7347 Datasheet
57Kb / 2P
SATURN User Network Interface for J2/E3/T3
PM7347-1 PMC-PM7347-1 Datasheet
57Kb / 2P
SATURN User Network Interface for J2/E3/T3
More results


Similar Description - PM7347

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
SATURN USER NETWORK INTERFACE
PM5381 PMC-PM5381 Datasheet
2Mb / 2P
SATURN USER NETWORK INTERFACE FOR 2488 MBIT/S
PM7345 PMC-PM7345 Datasheet
74Kb / 2P
SATURN User Network Interface for PDH Applications
PM7346 PMC-PM7346 Datasheet
2Mb / 419P
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PM5346-1 PMC-PM5346-1 Datasheet
70Kb / 11P
SATURN USER NETWORK INTERFACE (LITE)
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
SATURN USER NETWORK INTERFACE
PM5347S PMC-PM5347S Datasheet
897Kb / 302P
SATURN USER NETWORK INTERFACE PLUS
PM5348-1 PMC-PM5348-1 Datasheet
941Kb / 238P
DUAL SATURN USER NETWORK INTERFACE
PM7347-1 PMC-PM7347-1 Datasheet
57Kb / 2P
SATURN User Network Interface for J2/E3/T3
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
SATURN USER NETWORK INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com