Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWB-06090-EB-1.0 Datasheet (PDF) - Eravant

SWB-06090-EB-1.0 Datasheet PDF - Eravant
Part # SWB-06090-EB-1.0
Download  SWB-06090-EB-1.0 Download
File Size   305.04 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description WR-06 E-Plane Waveguide Bend, 90° , 1.0” Bend Radius

SWB-06090-EB-1.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
SWB-06090-EB-1.0 Datasheet PDF - Eravant

Part # SWB-06090-EB-1.0
Download  SWB-06090-EB-1.0 Click to download

File Size   305.04 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description WR-06 E-Plane Waveguide Bend, 90° , 1.0” Bend Radius

SWB-06090-EB-1.0 Datasheet (HTML) - Eravant


SWB-06090-EB-1.0 Product details

FEATURES
Frequency Coverage: 110 to 170 GHz
Rugged Waveguide Configuration
Low Insertion Loss
APPLICATIONS
Test Instrumentations
Sub-assemblies
Lab Use




Similar Part No. - SWB-06090-EB-1.0

ManufacturerPart #DatasheetDescription
logo
Eravant
SWB-06090-EB ERAVANT-SWB-06090-EB Datasheet
246Kb / 2P
WR-06 E-Plane Waveguide Bend, 90°
Rev 1.2
More results


Similar Description - SWB-06090-EB-1.0

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
284-ARCE-X-X-X ATM-284-ARCE-X-X-X Datasheet
67Kb / 1P
OUTLINE, WR284 ARC DETEC. 90 E-BEND
187-ARCE-X-X-X ATM-187-ARCE-X-X-X Datasheet
58Kb / 1P
OUTLINE, WR187 ARC DETEC. 90 E-BEND
90-ARCE-X-X-X ATM-90-ARCE-X-X-X Datasheet
62Kb / 1P
OUTLINE, WR90 ARC DETEC., 90 E-BEND
logo
Pasternack Enterprises,...
PE-W12B002 PASTERNACK-PE-W12B002 Datasheet
343Kb / 2P
WR-12 Instrumentation Grade Waveguide H-Bend with
PE-W51B002 PASTERNACK-PE-W51B002 Datasheet
403Kb / 4P
WR-51 Instrumentation Grade Waveguide H-Bend with
PE-W62B002 PASTERNACK-PE-W62B002 Datasheet
312Kb / 2P
WR-62 Waveguide H-Bend with UG-419-U Flange
PE-W137B001 PASTERNACK-PE-W137B001 Datasheet
329Kb / 2P
WR-137 Waveguide E-Bend with UG-344-U Flange
PE-W90B001 PASTERNACK-PE-W90B001 Datasheet
321Kb / 2P
WR-90 Waveguide E-Bend with UG-39-U Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90B003 PASTERNACK-PE-W90B003 Datasheet
367Kb / 2P
WR-90 Waveguide E-Bend with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
logo
Banner Engineering Corp...
PIAT46UTA-VL BANNER-PIAT46UTA-VL Datasheet
65Kb / 1P
PIAT4 STANDARD BEND RADIUS VL SERIES UNTERMINATED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com