Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWB-06090-EB Datasheet (PDF) - Eravant

SWB-06090-EB Datasheet PDF - Eravant
Part # SWB-06090-EB
Download  SWB-06090-EB Download
File Size   246.12 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description WR-06 E-Plane Waveguide Bend, 90°

SWB-06090-EB Datasheet (PDF)

Go To PDF Page Download Datasheet
SWB-06090-EB Datasheet PDF - Eravant

Part # SWB-06090-EB
Download  SWB-06090-EB Click to download

File Size   246.12 Kbytes
Page   2 Pages
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant
Description WR-06 E-Plane Waveguide Bend, 90°

SWB-06090-EB Datasheet (HTML) - Eravant


SWB-06090-EB Product details

FEATURES
Frequency Coverage: 110 to 170 GHz
Rugged Waveguide Configuration
Low Insertion Loss
APPLICATIONS
Test Instrumentation
Sub-assemblies
Lab Use




Similar Part No. - SWB-06090-EB

ManufacturerPart #DatasheetDescription
logo
Eravant
SWB-06090-EB-1.0 ERAVANT-SWB-06090-EB-1.0 Datasheet
305Kb / 2P
WR-06 E-Plane Waveguide Bend, 90° , 1.0” Bend Radius
Rev 1.0
More results


Similar Description - SWB-06090-EB

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-W12B002 PASTERNACK-PE-W12B002 Datasheet
343Kb / 2P
WR-12 Instrumentation Grade Waveguide H-Bend with
PE-W51B002 PASTERNACK-PE-W51B002 Datasheet
403Kb / 4P
WR-51 Instrumentation Grade Waveguide H-Bend with
PE-W137B001 PASTERNACK-PE-W137B001 Datasheet
329Kb / 2P
WR-137 Waveguide E-Bend with UG-344-U Flange
PE-W90B001 PASTERNACK-PE-W90B001 Datasheet
321Kb / 2P
WR-90 Waveguide E-Bend with UG-39-U Flange Operating from 8.2 GHz to 12.4 GHz
PE-W90B003 PASTERNACK-PE-W90B003 Datasheet
367Kb / 2P
WR-90 Waveguide E-Bend with CPR-90G Flange Operating from 8.2 GHz to 12.4 GHz
PEWGK1006 PASTERNACK-PEWGK1006 Datasheet
443Kb / 3P
WR-90 Waveguide Gasket kit
PEWGK1007 PASTERNACK-PEWGK1007 Datasheet
442Kb / 3P
WR-90 Waveguide Gasket kit
PE-W90TF005-36 PASTERNACK-PE-W90TF005-36_V01 Datasheet
396Kb / 4P
WR-90 Twistable Flexible Waveguide
PE-W90TF006-12 PASTERNACK-PE-W90TF006-12_V01 Datasheet
425Kb / 4P
WR-90 Twistable Flexible Waveguide
PE-W90TF006-24 PASTERNACK-PE-W90TF006-24_V01 Datasheet
424Kb / 4P
WR-90 Twistable Flexible Waveguide
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com