Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM73487 Datasheet (PDF) - PMC-Sierra, Inc

PM73487 Datasheet PDF - PMC-Sierra, Inc
Part # PM73487
Download  PM73487 Download
File Size   3126.0 Kbytes
Page   251 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 622 Mbps ATM Traffic Management Device

PM73487 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM73487 Datasheet PDF - PMC-Sierra, Inc

Part # PM73487
Download  PM73487 Click to download

File Size   3126.0 Kbytes
Page   251 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description 622 Mbps ATM Traffic Management Device

PM73487 Datasheet (HTML) - PMC-Sierra, Inc


PM73487 Product details

Product Overview
The PM73487 622 Mbps ATM Traffic Management Device (QRT) is an advanced communications device capable of supporting very large, high-performance ATM switching systems. The rich feature set of the QRT enables systems to offer many sophisticated network services. The QRT provides 622 Mbps UTOPIA (Level 1 or Level 2) access to switch fabrics composed of PM73488 5 Gbps ATM Switch Fabric Elements (QSEs). Together, these devices can be used to build architectures with capacities from 622 Mbps to 160 Gbps. The QRT can also act as a standalone 622 Mbps switch.

FEATURES
QUEUING ALGORITHMS
Receive
• Maintains 64 weighted, bandwidth-controlled SCs with per-VC queues.
• Provides round-robin servicing of queues within each SC.
• Provides per-channel (VP or VC), per-SC, and per-direction congested and maximum queue depth limits.
• Provides up to 64K cell buffers.
Transmit
• Provides 31 VOs.
• Maintains 16 SCs for each VO with per-VC accounting.
• Provides per-channel (VP or VC), per-SC Queue (SCQ), per-SC, per-VO, and perdirection congested and maximum queue depth limits.
• Provides up to 64K cell buffers.

CONGESTION MANAGEMENT ALGORITHMS
• Supports EPD and Partial Packet Discard (PPD) for UBR traffic, and as a backup for ABR traffic.
• Supports CLP-based cell discard and Explicit Forward Congestion Indicator (EFCI) cell marking.
• Supports three congestion limits (as well as EPD, CLP, and EFCI, and/or backpressure) for logical multicast on the transmit side.

SWITCHING
• Supports VC and VP switching.
• Supports up to 16K VCs.

ADDRESS MAPPING
• Supports all 12 VP and 16 VC bits through use of a double, indirect lookup table.
• Performs header translation at both the input (receive) and output (transmit) directions. Input header translation is used to pass the output queue channel number through the switch.

MULTICAST
• Supports logical multicast with a superior queue-clearing algorithm.

DIAGNOSTIC/ROBUSTNESS FEATURES
• Checks the header parity.
• Counts tagged cells.
• Runs error checks continually on all fabric lines.
• Checks liveness of control signal lines at both switch fabric and UTOPIA interfaces, working around partial fabric failures.
• Checks Static Random Access Memory (SRAM) and Dynamic Random Access Memory (DRAM) parity.

STATISTICS FEATURES
• In the receive direction, counts cells transmitted and dropped.
• In the transmit direction, counts cells transmitted and dropped on a per-VC basis.

I/O FEATURES
• Provides four switch element interfaces with phase aligners. The phase aligners allow for external serialization of the data stream enabling systems to be built that support device separation of up to 10 meters.
• Provides a UTOPIA Level 2 Multi-PHY (MPHY) 16-bit, 50 MHz interface.
• Provides a 2-level priority servicing algorithm for high and low bandwidth UTOPIA PHY layer devices.
• Provides a multiplexed address/data CPU interface.
• Provides two 100 MHz, 32-bit, synchronous DRAM cell buffer interfaces.
• Provides three 100 MHz, synchronous SRAM control interfaces.
• Provides a JTAG boundary scan interface.

COMPATIBILITY FEATURES
• Compatible with the ATM Forum 3.0, 3.1, and 4.0 specifications.
• Compatible with the ATM Forum UTOPIA Level 1 and Level 2 specifications.
• Compatible with the PM73488 ATM QSE.

PHYSICAL CHARACTERISTICS
• 3.3 V supply voltage.
• 5 V tolerant inputs on the microprocessor and UTOPIA interfaces.
• Available in a 503-pin Enhanced Plastic Ball Grid Array (EPBGA) package.




Similar Part No. - PM73487

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM73487 PMC-PM73487 Datasheet
45Kb / 2P
622 MBPS ATM Traffic Management Device
PM73487-1 PMC-PM73487-1 Datasheet
45Kb / 2P
622 MBPS ATM Traffic Management Device
More results


Similar Description - PM73487

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5356 PMC-PM5356 Datasheet
63Kb / 4P
622 Mbit/s ATM Physical Layer Device
PM7326 PMC-PM7326 Datasheet
65Kb / 4P
ATM/PACKET Traffic Manager and Switch
PM7329 PMC-PM7329 Datasheet
1Mb / 2P
ATM TRAFFIC MANAGER AND SWITCH
logo
Texas Instruments
TNETA1585 TI1-TNETA1585 Datasheet
476Kb / 32P
ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
logo
M/A-COM Technology Solu...
28236-DSH-001-B MA-COM-28236-DSH-001-B Datasheet
4Mb / 443P
ATM ServiceSAR Plus with xBR Traffic Management
28236-DSH-001-B MA-COM-28236-DSH-001-B_15 Datasheet
4Mb / 443P
ATM ServiceSAR Plus with xBR Traffic Management
logo
PMC-Sierra, Inc
PM73487-1 PMC-PM73487-1 Datasheet
45Kb / 2P
622 MBPS ATM Traffic Management Device
PM5356-1 PMC-PM5356-1 Datasheet
36Kb / 2P
622 Mbit/s ATM Physical Layer Device
PM7326-1 PMC-PM7326-1 Datasheet
35Kb / 2P
ATM/PACKET Traffic Manager and Switch
logo
List of Unclassifed Man...
TSP3 ETC2-TSP3 Datasheet
107Kb / 2P
ATM Forum TM4.1 traffic shaping
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com