Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDX4ACT164 Datasheet (PDF) - Texas Instruments

CDX4ACT164 Datasheet PDF - Texas Instruments
Part # CDX4ACT164
Download  CDX4ACT164 Download
File Size   835.32 Kbytes
Page   19 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CDx4AC164, CDx4ACT164 8-Bit Serial-In/Parallel-Out Shift Register

CDX4ACT164 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDX4ACT164 Datasheet PDF - Texas Instruments

Part # CDX4ACT164
Download  CDX4ACT164 Click to download

File Size   835.32 Kbytes
Page   19 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CDx4AC164, CDx4ACT164 8-Bit Serial-In/Parallel-Out Shift Register

CDX4ACT164 Datasheet (HTML) - Texas Instruments


CDX4ACT164 Product details

1 Features
• Buffered inputs
• Typical propagation delay
– 6ns at VCC = 5V, T A = 25°C, CL = 50pF
• SCR-latchup-resistant CMOS process and circuit
design
• Speed of bipolar FAST™/AS/S with significantly
reduced power consumption
• Balanced propagation delays
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
• ±24mA output drive current
– Fanout to 15 FAST™ ICs
– Drives 50Ω transmission lines

2 Description
The ’AC164 and ’ACT164 are 8-bit serial-in/parallelout
shift registers with asynchronous reset that utilize
Advanced CMOS Logic technology.




Similar Part No. - CDX4ACT164

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDX4ACT164 TI2-CDX4ACT164 Datasheet
835Kb / 19P
CDx4AC164, CDx4ACT164 8-Bit Serial-In/Parallel-Out Shift Register
REVISED OCTOBER 2024
More results


Similar Description - CDX4ACT164

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
Parallel-in/Serial-out 8-Bit Shift Register
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com