Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDX4ACT164 Datasheet(PDF) 5 Page - Texas Instruments

Part # CDX4ACT164
Description  CDx4AC164, CDx4ACT164 8-Bit Serial-In/Parallel-Out Shift Register
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDX4ACT164 Datasheet(HTML) 5 Page - Texas Instruments

  CDX4ACT164 Datasheet HTML 1Page - Texas Instruments CDX4ACT164 Datasheet HTML 2Page - Texas Instruments CDX4ACT164 Datasheet HTML 3Page - Texas Instruments CDX4ACT164 Datasheet HTML 4Page - Texas Instruments CDX4ACT164 Datasheet HTML 5Page - Texas Instruments CDX4ACT164 Datasheet HTML 6Page - Texas Instruments CDX4ACT164 Datasheet HTML 7Page - Texas Instruments CDX4ACT164 Datasheet HTML 8Page - Texas Instruments CDX4ACT164 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
4.5 DC Electrical Specifications
PARAMETER
TEST CONDITIONS
VCC (V)
25°C
-40°C TO 85 °C
-55°C TO 125°C
UNITS
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
MIN
MAX
AC TYPES
VIH
High Level Input
Voltage
-
-
1.5
1.2
-
1.2
-
1.2
-
V
3
2.1
-
2.1
-
2.1
-
V
5.5
3.85
-
3.85
-
3.85
-
V
VIL
Low Level Input
Voltage
-
-
1.5
-
0.3
-
0.3
-
0.3
V
3
-
0.9
-
0.9
-
0.9
V
5.5
-
1.65
-
1.65
-
1.65
V
VOH
High Level Output
Voltage
VIH or VIL
-0.05
1.5
1.4
-
1.4
-
1.4
-
V
-0.05
3
2.9
-
2.9
-
2.9
-
V
-0.05
4.5
4.4
-
4.4
-
4.4
-
V
-4
3
2.58
-
2.48
-
2.4
-
V
-24
4.5
3.94
-
3.8
-
3.7
-
V
-75 (1) (2)
5.5
-
-
3.85
-
-
-
V
-50 (1) (2)
5.5
-
-
-
-
3.85
-
V
VOL
Low Level Output
Voltage
VIH or VIL
0.05
1.5
-
0.1
-
0.1
-
0.1
V
0.05
3
-
0.1
-
0.1
-
0.1
V
0.05
4.5
-
0.1
-
0.1
-
0.1
V
12
3
-
0.36
-
0.44
-
0.5
V
24
4.5
-
0.36
-
0.44
-
0.5
V
75 (1) (2)
5.5
-
-
-
1.65
-
-
V
50(1) (2)
5.5
-
-
-
-
-
1.65
V
II
Input Leakage
Current
VCC or
GND
-
5.5
-
±0.1
-
±1
-
±1
μA
ICC
Quiescent Supply
Current MSI
VCC or
GND
0
5.5
-
8
-
80
-
160
μA
ACT TYPES
VIH
High Level Input
Voltage
-
-
4.5 to
5.5
2
-
2
-
2
-
V
VIL
Low Level Input
Voltage
-
-
4.5 to
5.5
-
0.8
-
0.8
-
0.8
V
VOH
High Level Output
Voltage
VIH or VIL
-0.05
4.5
4.4
-
4.4
-
4.4
-
V
-24
4.5
3.94
-
3.8
-
3.7
-
V
-75(1) (2)
5.5
-
-
3.85
-
-
-
V
-50 (1) (2)
5.5
-
-
-
-
3.85
-
V
VOL
Low Level Output
Voltage
VIH or VIL
0.05
4.5
-
0.1
-
0.1
-
0.1
V
24
4.5
-
0.36
-
0.44
-
0.5
V
75 (1) (2)
5.5
-
-
-
1.65
-
-
V
50 (1) (2)
5.5
-
-
-
-
-
1.65
V
II
Input Leakage
Current
VCC or
GND
-
5.5
-
±0.1
-
±1
-
±1
μA
ICC
Quiescent Supply
Current MSI
VCC or
GND
0
5.5
-
8
-
80
-
160
μA
www.ti.com
CD54AC164, CD74AC164, CD54ACT164, CD74ACT164
SCHS240D – NOVEMBER 1998 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CD54AC164 CD74AC164 CD54ACT164 CD74ACT164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com