Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDX4ACT164 Datasheet(PDF) 13 Page - Texas Instruments

Part # CDX4ACT164
Description  CDx4AC164, CDx4ACT164 8-Bit Serial-In/Parallel-Out Shift Register
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDX4ACT164 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDX4ACT164 Datasheet HTML 9Page - Texas Instruments CDX4ACT164 Datasheet HTML 10Page - Texas Instruments CDX4ACT164 Datasheet HTML 11Page - Texas Instruments CDX4ACT164 Datasheet HTML 12Page - Texas Instruments CDX4ACT164 Datasheet HTML 13Page - Texas Instruments CDX4ACT164 Datasheet HTML 14Page - Texas Instruments CDX4ACT164 Datasheet HTML 15Page - Texas Instruments CDX4ACT164 Datasheet HTML 16Page - Texas Instruments CDX4ACT164 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
7.2.1.2 Input Considerations
Input signals must cross VIL(max) to be considered a logic LOW, and VIH(min) to be considered a logic HIGH. Do
not exceed the maximum input voltage range found in the Absolute Maximum Ratings.
Unused inputs must be terminated to either VCC or ground. The unused inputs can be directly terminated if the
input is completely unused, or they can be connected with a pull-up or pull-down resistor if the input will be used
sometimes, but not always. A pull-up resistor is used for a default state of HIGH, and a pull-down resistor is
used for a default state of LOW. The drive current of the controller, leakage current into the CDx4AC(T)164 (as
specified in the Electrical Characteristics), and the desired input transition rate limits the resistor size. A 10kΩ
resistor value is often used due to these factors.
The CDx4AC(T)164 has CMOS inputs and thus requires fast input transitions to operate correctly, as defined in
the Recommended Operating Conditions table. Slow input transitions can cause oscillations, additional power
consumption, and reduction in device reliability.
Refer to the Feature Description section for additional information regarding the inputs for this device.
7.2.1.3 Output Considerations
The ground voltage is used to produce the output LOW voltage. Sinking current into the output will increase the
output voltage as specified by the VOL specification in the Electrical Characteristics.
Unused outputs can be left floating. Do not connect outputs directly to VCC or ground.
Refer to the Feature Description section for additional information regarding the outputs for this device.
7.2.1.4 Application Curve
CLK
A
B
CLR
QA
QB
QC
QD
QE
QF
QG
QH
Clear
Clear
Figure 7-2. Application Timing Diagram
7.3 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in
the Recommended Operating Conditions. Each VCC terminal should have a good bypass capacitor to prevent
www.ti.com
CD54AC164, CD74AC164, CD54ACT164, CD74ACT164
SCHS240D – NOVEMBER 1998 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: CD54AC164 CD74AC164 CD54ACT164 CD74ACT164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com