Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDX4ACT164 Datasheet(PDF) 14 Page - Texas Instruments

Part # CDX4ACT164
Description  CDx4AC164, CDx4ACT164 8-Bit Serial-In/Parallel-Out Shift Register
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDX4ACT164 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDX4ACT164 Datasheet HTML 10Page - Texas Instruments CDX4ACT164 Datasheet HTML 11Page - Texas Instruments CDX4ACT164 Datasheet HTML 12Page - Texas Instruments CDX4ACT164 Datasheet HTML 13Page - Texas Instruments CDX4ACT164 Datasheet HTML 14Page - Texas Instruments CDX4ACT164 Datasheet HTML 15Page - Texas Instruments CDX4ACT164 Datasheet HTML 16Page - Texas Instruments CDX4ACT164 Datasheet HTML 17Page - Texas Instruments CDX4ACT164 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
power disturbance. A 0.1μF capacitor is recommended for this device. It is acceptable to parallel multiple bypass
capacitors to reject different frequencies of noise. The 0.1μF and 1μF capacitors are commonly used in parallel.
The bypass capacitor should be installed as close to the power terminal as possible for best results.
7.4 Layout
7.4.1 Layout Guidelines
• Bypass capacitor placement
– Place near the positive supply terminal of the device
– Provide an electrically short ground return path
– Use wide traces to minimize impedance
– Keep the device, capacitors, and traces on the same side of the board whenever possible
• Signal trace geometry
– 8mil to 12mil trace width
– Lengths less than 12cm to minimize transmission line effects
– Avoid 90° corners for signal traces
– Use an unbroken ground plane below signal traces
– Flood fill areas around signal traces
– For traces longer than 12cm
• Use impedance controlled traces
• Source-terminate using a series damping resistor near the output
• Avoid branches; buffer signals that must branch separately
7.4.2 Layout Example
W
W
≥ 5W
WORST
BETTER
BEST
Figure 7-3. Example Trace Corners for Improved Signal Integrity
CD54AC164, CD74AC164, CD54ACT164, CD74ACT164
SCHS240D – NOVEMBER 1998 – REVISED OCTOBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54AC164 CD74AC164 CD54ACT164 CD74ACT164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com