Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7351 Datasheet (PDF) - PMC-Sierra, Inc

PM7351 Datasheet PDF - PMC-Sierra, Inc
Part # PM7351
Download  PM7351 Download
File Size   49.95 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Octal Serial Link Multiplexer

PM7351 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM7351 Datasheet PDF - PMC-Sierra, Inc

Part # PM7351
Download  PM7351 Click to download

File Size   49.95 Kbytes
Page   4 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Octal Serial Link Multiplexer

PM7351 Datasheet (HTML) - PMC-Sierra, Inc


PM7351 Product details

DESCRIPTION
The PM7351 S/UNI-VORTEX is a monolithic integrated circuit typically used with its sister device, the S/UNI-DUPLEX, to implement a point-to-point serial backplane interconnect architecture.

FEATURES
• Integrated analog/digital device that interfaces a high speed parallel bus to 8 bidirectional data streams, each transported over a high speed Low Voltage Differential Signal (LVDS) serial link.
• Works with its sister device, the S/UNI-DUPLEX, to satisfy a full set of system level requirements for backplane interconnect:
   • Transports user data by providing the inter-card data-path.
   • Inter-processor communication by providing an integrated inter-card control channel.
   • Exchanges flow control information (back-pressure) to prevent data loss.
   • Provides embedded command and control signals across the backplane: system reset, error indications, protection switching commands, etc.
   • Clock/timing distribution (system clocks as well as reference clocks such as 8 kHz timing references).
   • Fault detection, redundancy, protection switching, and inserting/removing cards while the system is running (hot swap).
• Each S/UNI-VORTEX Interfaces to 8 S/UNI-DUPLEX devices (via the LVDS links) to create a point-to-multipoint serial backplane architecture.
• Up to 16 S/UNI-VORTEX devices (interfacing to a maximum of 128 S/UNIDUPLEXs) can reside on a single system bus.
• In the LVDS receive direction: accepts cell streams from the 8 LVDS links, multiplexing them into a single cell stream which is presented to the system bus as a single Utopia L2 compatible PHY.
• In the LVDS transmit direction: receives cell streams from the bus master, and routes the cells to the appropriate serial link.
• Cell read/write to the 8 LVDS links is available via the microprocessor port. Provides optional hardware assisted CRC32 calculation across cells to create an embedded inter-processor communication channel across the LVDS links.
• Optionally routes the embedded control channels from the 8 links to/ from the system bus.
• Under software control, the 8 LVDS links can be individually marked active or standby. This is used by the far end S/UNI-DUPLEXs to implement 1:1 protected systems.
• Error monitoring and cell counting on all links.
• Requires no external memories.
• Low power 3.3V CMOS technology.
• Standard 5 pin P1149 JTAG port.
• 304 ball SBGA, 31mm x 31mm.

APPLICATIONS
• Single shelf or multi-shelf Digital Subscriber Loop Access Multiplexer (DSLAM).
• ATM, frame relay, IP switch.
• Multiservice access multiplexer.
• Universal Mobile Telecommunication System (UMTS) wireless base stations.
• UMTS wireless base station controllers.
• Multi-shelf access concentrators.




Similar Part No. - PM7351

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7351 PMC-PM7351 Datasheet
1Mb / 174P
OCTAL SERIAL LINK MULTIPLEXER
PM7351 PMC-PM7351 Datasheet
41Kb / 2P
Octal Serial Link Multiplexer
PM7351-1 PMC-PM7351-1 Datasheet
41Kb / 2P
Octal Serial Link Multiplexer
PM7351-BI PMC-PM7351-BI Datasheet
1Mb / 174P
OCTAL SERIAL LINK MULTIPLEXER
More results


Similar Description - PM7351

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7350 PMC-PM7350 Datasheet
35Kb / 2P
Dual Serial Link, PHY Multiplexer
PM7350 PMC-PM7350 Datasheet
1Mb / 241P
DUAL SERIAL LINK PHY MULTIPLEXER
PM7351 PMC-PM7351 Datasheet
1Mb / 174P
OCTAL SERIAL LINK MULTIPLEXER
logo
ATMEL Corporation
TSS463B ATMEL-TSS463B_03 Datasheet
1Mb / 24P
Serial VAN Data Link Controller
logo
Texas Instruments
XIO1100 TI-XIO1100 Datasheet
456Kb / 36P
X1 PCI Express Serial Link
logo
Melexis Microelectronic...
MLX10407 MELEXIS-MLX10407_14 Datasheet
172Kb / 10P
ACTUATOR DRIVER WITH SERIAL LINK
logo
PMC-Sierra, Inc
PM7351-1 PMC-PM7351-1 Datasheet
41Kb / 2P
Octal Serial Link Multiplexer
PM7350-1 PMC-PM7350-1 Datasheet
37Kb / 2P
Dual Serial Link, PHY Multiplexer
logo
Melexis Microelectronic...
MLX10407 MELEXIS-MLX10407 Datasheet
172Kb / 10P
ACTUATOR DRIVER WITH SERIAL LINK
logo
Texas Instruments
XIO1100 TI-XIO1100_V01 Datasheet
1Mb / 41P
X1 PCI Express Serial Link
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com