Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7350 Datasheet (PDF) - PMC-Sierra, Inc

PM7350 Datasheet PDF - PMC-Sierra, Inc
Part # PM7350
Download  PM7350 Download
File Size   35.91 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Dual Serial Link, PHY Multiplexer

PM7350 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM7350 Datasheet PDF - PMC-Sierra, Inc

Part # PM7350
Download  PM7350 Click to download

File Size   35.91 Kbytes
Page   2 Pages
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc
Description Dual Serial Link, PHY Multiplexer

PM7350 Datasheet (HTML) - PMC-Sierra, Inc


PM7350 Product details

FEATURES
• Integrated analog/digital device that interfaces a high-speed parallel bus to a high speed Low Voltage Differential Signal (LVDS) serial link with optional 1:1 protection.
• For framers or modems without Utopia bus interfaces the S/UNI-DUPLEX provides cell delineation (I.432) across 16 clock and data (bit serial) interfaces.
• Fault detection, redundancy, protection switching, and inserting/removing cards while the system is running (hot swap).
• Interface to other S/UNI-DUPLEX or S/UNI-VORTEX, to satisfy a full set of system level requirements for backplane interconnect:
• Transports user data by providing the inter-card data-path.
• Inter-processor communication by providing an integrated inter-card control channel.
• Exchanges flow control information (back-pressure) to prevent data loss.
• Provides embedded command and control signals across the backplane: system reset, error indications, protection switching commands, etc.
• Clock/timing distribution (system clocks as well as reference clocks such as 8 kHz timing references).
• When used as a parallel bus slave device, can be configured to share the bus with other S/UNI-DUPLEX bus slave devices.
• Can interface to another S/UNI-DUPLEX device (via a single LVDS link) to create a simple point-to-point "Utopia bus extension" capability.
• Can interface to two S/UNI-DUPLEX devices to create a 1:1 protected bus extension.
• Interworks with PM7351 S/UNI-VORTEX devices to implement a point-to multipoint serial backplane architecture, with optional 1:1 protection of the common card.
• In the LVDS receive direction: selects traffic from the LVDS link marked active and demultiplexes the individual cell streams to the appropriate PHY device.
• Cell read/write to both LVDS links available through the processor port. Provides optional hardware assisted CRC32 calculation across cells to support an embedded inter-processor communication channel across the LVDS links.
• Requires no external memories.
• Standard 5 pin P1149.1 JTAG test port.
• Low-power, 3.3V CMOS technology.
• 160-pin high-performance plastic ball grid array (PBGA) package.

APPLICATIONS
• Single shelf or multi-shelf Digital Subscriber Loop Access Multiplexer (DSLAM).
• ATM, frame relay, IP switch.
• Multiservice access multiplexer.
• Universal Mobile Telecommunication System (UMTS) wireless base stations.
• 16 channel cell delineation (I.432 transmission convergence processing).




Similar Part No. - PM7350

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7350 PMC-PM7350 Datasheet
1Mb / 241P
DUAL SERIAL LINK PHY MULTIPLEXER
PM7350 PMC-PM7350 Datasheet
37Kb / 2P
Dual Serial Link, PHY Multiplexer
PM7350-1 PMC-PM7350-1 Datasheet
37Kb / 2P
Dual Serial Link, PHY Multiplexer
PM7350-PI PMC-PM7350-PI Datasheet
1Mb / 241P
DUAL SERIAL LINK PHY MULTIPLEXER
More results


Similar Description - PM7350

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7350 PMC-PM7350 Datasheet
1Mb / 241P
DUAL SERIAL LINK PHY MULTIPLEXER
PM7351 PMC-PM7351 Datasheet
49Kb / 4P
Octal Serial Link Multiplexer
PM7351 PMC-PM7351 Datasheet
1Mb / 174P
OCTAL SERIAL LINK MULTIPLEXER
PM7342 PMC-PM7342 Datasheet
65Kb / 2P
32 Link Inverse Multiplexer for ATM (IMA) / UNI PHY
logo
Texas Instruments
TSB83AA22C TI-TSB83AA22C Datasheet
146Kb / 8P
Phy and OHCI Link Device
SN65HVD100 TI1-SN65HVD100 Datasheet
105Kb / 4P
IO-LINK PHY for Device Nodes
SN65HVD101 TI1-SN65HVD101_16 Datasheet
1Mb / 30P
IO-Link PHY for Device Nodes
TSB83AA22C TI1-TSB83AA22C_16 Datasheet
1Mb / 115P
PHY and OHCI Link Device
logo
PMC-Sierra, Inc
PM7351-1 PMC-PM7351-1 Datasheet
41Kb / 2P
Octal Serial Link Multiplexer
PM7350-1 PMC-PM7350-1 Datasheet
37Kb / 2P
Dual Serial Link, PHY Multiplexer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com