Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2Q3 Datasheet (PDF) - STMicroelectronics

ST10F269Z2Q3 Datasheet PDF - STMicroelectronics
Part # ST10F269Z2Q3
Download  ST10F269Z2Q3 Download
File Size   3281.48 Kbytes
Page   184 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM

ST10F269Z2Q3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST10F269Z2Q3 Datasheet PDF - STMicroelectronics

Part # ST10F269Z2Q3
Download  ST10F269Z2Q3 Click to download

File Size   3281.48 Kbytes
Page   184 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM

ST10F269Z2Q3 Datasheet (HTML) - STMicroelectronics


ST10F269Z2Q3 Product details

INTRODUCTION

The ST10F269 is a derivative of the STMicroelectronics ST10 family of 16-bit single-chip CMOS microcontrollers. It combines high CPU performance (up to 20 million instructions per second) with high peripheral functionality and enhanced I/O-capabilities. It also provides on-chip high-speed single voltage Flash memory, on-chip high-speed RAM, and clock generation via PLL.

ST10F269 is processed in 0.35µm CMOS technology. The MCU core and the logic is supplied with a 5V to 3.3V on chip voltage regulator on PQFP144 devices (or 5V to 2.7V on TQFP144 devices). The part is supplied with a single 5V supply and I/Os work at 5V.



■ HIGH PERFORMANCE 32 OR 40 MHZ CPU WITH DSP FUNCTION

   – 16-bit CPU With 4-stage Pipeline

   – 50ns (or 62.5ns) Instruction Cycle Time at 40MHz (or 32MHz) Max CPU Clock

   – Multiply/accumulate Unit (Mac) 16 X 16-bit Multiplication, 40-bit Accumulator

   – Repeat Unit

   – Enhanced Boolean Bit Manipulation Facilities

   – Additional Instructions to Support HLL and Operating Systems

   – Single-cycle Context Switching Support

■ MEMORY ORGANIZATION

   – 128K or 256K Byte On-chip Flash Memory Single Voltage With Erase/program Controller

   – Up to 1K Erasing/programming Cycles

   – Up to 16 MByte Linear Address Space For Code And Data (5 MBytes With CAN)

   – 2K Byte On-chip Internal RAM (IRAM)

   – 10K Byte On-chip Extension RAM (XRAM)

■ FAST AND FLEXIBLE BUS

   – Programmable External Bus Characteristics for Different Address Ranges

   – 8-bit or 16-bit External Data Bus

   – Multiplexed or Demultiplexed External Address/data Buses

   – Five Programmable Chip-select Signals

   – Hold-acknowledge Bus Arbitration Support

■ INTERRUPT

   – 8-channel Peripheral Event Controller for Single Cycle Interrupt Driven Data Transfer

   – 16-priority-level Interrupt System with 56 Sources, Sampling Rate Down to 25ns at 40MHz (31.25ns at 32MHz)

■ TIMERS

   – Two Multi-functional General Purpose Timer Units with 5 Timers

■ TWO 16-CHANNEL CAPTURE / COMPARE UNITS

■ A/D CONVERTER

   – 16-channel 10-bit

   – 4.85µs Conversion Time at 40MHz CPU Clock (6.06µs at 32MHz)

■ 4-CHANNEL PWM UNIT

■ SERIAL CHANNELS

   – Synchronous / Asynchronous Serial Channel

   – High-speed Synchronous Channel

■ TWO CAN 2.0B INTERFACES OPERATING ON ONE OR TWO CAN BUSSES (30 OR 2x15 MESSAGE OBJECTS)

■ FAIL-SAFE PROTECTION

   – Programmable Watchdog Timer

   – Oscillator Watchdog

■ ON-CHIP BOOTSTRAP LOADER

■ CLOCK GENERATION

   – On-chip PLL

   – Direct or Prescaled Clock Input

■ REAL TIME CLOCK

■ UP TO 111 GENERAL PURPOSE I/O LINES

   – Individually Programmable as Input, Output or Spe cial Function

   – Programmable Threshold (Hysteresis)

■ IDLE AND POWER DOWN MODES

■ SINGLE VOLTAGE SUPPLY: 5V ±10% (EMBEDDED REGULATOR FOR 2.7 or 3.3 V CORE SUPPLY).

■ TEMPERATURE RANGES: -40 +125°C / -40 to 85°C

■ 144-PIN PQFP/TQFP PACKAGES



 




Similar Part No. - ST10F269Z2Q3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F269Z2Q3 STMICROELECTRONICS-ST10F269Z2Q3 Datasheet
1Mb / 161P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Aug-2002
More results


Similar Description - ST10F269Z2Q3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F167 STMICROELECTRONICS-ST10F167 Datasheet
549Kb / 69P
16-BIT MCU WITH 128K BYTE FLASH MEMORY
May-1997
ST10F168 STMICROELECTRONICS-ST10F168 Datasheet
897Kb / 74P
16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
Jan-2002
ST10F269 STMICROELECTRONICS-ST10F269 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Jun-2002
ST10F269Z2QX STMICROELECTRONICS-ST10F269Z2QX Datasheet
1Mb / 161P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Aug-2002
ST10F280-AB STMICROELECTRONICS-ST10F280-AB Datasheet
31Kb / 4P
16-Bit MCU with 512K Byte FLASH and 18K Byte RAM Memories
Feb-2002
ST10F280 STMICROELECTRONICS-ST10F280 Datasheet
1Mb / 186P
16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
Mar-2003
ST10F269-T3 STMICROELECTRONICS-ST10F269-T3 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Mar-2003
ST10F276 STMICROELECTRONICS-ST10F276_06 Datasheet
4Mb / 229P
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
02-Jun-2006
ST10F280 STMICROELECTRONICS-ST10F280_12 Datasheet
2Mb / 239P
16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
20-Aug-2012
ST10F276-4TR3 STMICROELECTRONICS-ST10F276-4TR3 Datasheet
2Mb / 235P
16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
10-Aug-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com