Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2Q3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST10F269Z2Q3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2Q3 Datasheet(HTML) 4 Page - STMicroelectronics

  ST10F269Z2Q3 Datasheet HTML 1Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 2Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 3Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 4Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 5Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 6Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 7Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 8Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 184 page
background image
ST10F269
4/184
TABLE OF CONTENTS
PAGE
16 -
Real Time Clock ..................................................................................................... 105
16.1 -
RTC REGISTERS ....................................................................................................... 106
16.1.1 -
RTCCON: RTC Control Register ................................................................. 106
16.1.2 -
RTCPH & RTCPL: RTC PRESCALER Registers ....................................... 108
16.1.3 -
RTCDH & RTCDL: RTC DIVIDER Counters ............................................... 108
16.1.4 -
RTCH & RTCL: RTC Programmable COUNTER Registers ........................ 109
16.1.5 -
RTCAH & RTCAL: RTC ALARM Registers ................................................. 110
16.2 -
PROGRAMMING THE RTC ........................................................................................ 110
17 -
Watchdog Timer ..................................................................................................... 112
18 -
System Reset ......................................................................................................... 114
18.1 -
LONG HARDWARE RESET ....................................................................................... 114
18.1.1 -
Asynchronous Reset ................................................................................... 114
18.1.2 -
Synchronous Reset (RSTIN pulse > 1040TCL and RPD pin at high level) . 115
18.1.3 -
Exit of Long Hardware Reset ...................................................................... 116
18.2 -
SHORT HARDWARE RESET ..................................................................................... 116
18.3 -
SOFTWARE RESET ................................................................................................... 117
18.4 -
WATCHDOG TIMER RESET ...................................................................................... 117
18.5 -
RSTOUT, RSTIN, BIDIRECTIONAL RESET .............................................................. 118
18.5.1 -
RSTOUT Pin ............................................................................................... 118
18.5.2 -
Bidirectional Reset ...................................................................................... 118
18.5.3 -
RSTIN pin .................................................................................................... 118
18.6 -
RESET CIRCUITRY .................................................................................................... 118
19 -
Power Reduction Modes ......................................................................................... 122
19.1 -
IDLE MODE ................................................................................................................122
19.2 -
POWER DOWN MODE .............................................................................................. 122
19.2.1 -
Protected Power Down Mode ...................................................................... 122
19.2.2 -
Interruptible Power Down Mode .................................................................. 122
20 -
Special Function Register Overview ....................................................................... 125
20.1 -
IDENTIFICATION REGISTERS .................................................................................. 131
20.2 -
SYSTEM CONFIGURATION REGISTERS ................................................................ 132
21 -
Electrical Characteristics ........................................................................................ 139
21.1 -
ABSOLUTE MAXIMUM RATINGS .............................................................................. 139
21.2 -
PARAMETER INTERPRETATION ............................................................................. 139
21.3 -
DC CHARACTERISTICS ............................................................................................ 139
21.3.1 -
A/D Converter Characteristics ..................................................................... 144
21.3.2 -
Conversion Timing Control ........................................................................ 145
21.4 -
AC CHARACTERISTICS ............................................................................................ 146
21.4.1 -
Test Waveforms ......................................................................................... 146
21.4.2 -
Definition of Internal Timing ......................................................................... 146
21.4.3 -
Clock Generation Modes ............................................................................. 148
21.4.4 -
Prescaler Operation .................................................................................... 149
21.4.5 -
Direct Drive .................................................................................................. 149
21.4.6 -
Oscillator Watchdog (OWD) ........................................................................ 149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com