Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6780S-CSL Datasheet (PDF) - Analog Devices

ADRF6780S-CSL Datasheet PDF - Analog Devices
Part # ADRF6780S-CSL
Download  ADRF6780S-CSL Download
File Size   306.33 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter

ADRF6780S-CSL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF6780S-CSL Datasheet PDF - Analog Devices

Part # ADRF6780S-CSL
Download  ADRF6780S-CSL Click to download

File Size   306.33 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter

ADRF6780S-CSL Datasheet (HTML) - Analog Devices


ADRF6780S-CSL Product details

FEATURES
► Wideband RF output frequency range: 5.9 GHz to 23.6 GHz
► Two upconversion modes
► Direct conversion from baseband I/Q to RF
► Single sideband upconversion from real IF
► LO input frequency range: 5.4 GHz to 14 GHz
► LO doubler (x2 LO) for up to 28 GHz
► Matched 100 Ω balanced RF output, LO input, and IF input
► High impedance baseband inputs
► Sideband suppression and carrier feedthrough optimization
► Variable attenuator and power detector for transmit power control
► Programmable via 4-wire SPI
► 32-lead, 5 mm × 5 mm LFCSP
COMMERCIAL SPACE FEATURES
► Support aerospace applications
► Wafer diffusion lot traceability
► Radiation monitors
► Total ionizing dose (TID)
► Outgassing characterization
APPLICATIONS
► Low and medium Earth orbit (LEO/MEO) space payloads
► Avionics
► Point to point microwave radios
► Radar and electronic warfare systems




Similar Part No. - ADRF6780S-CSL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6780S-CSL AD-ADRF6780S-CSL Datasheet
306Kb / 13P
5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
Rev. A
ADRF6780S-CSL AD-ADRF6780S-CSL_V01 Datasheet
306Kb / 13P
5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
Rev. A
More results


Similar Description - ADRF6780S-CSL

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTC-5762B5 CPI-VTC-5762B5 Datasheet
96Kb / 2P
5.2 to 5.9 GHz
logo
Hittite Microwave Corpo...
HMC711LC5 HITTITE-HMC711LC5_10 Datasheet
430Kb / 14P
GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC711LC5_1005 HITTITE-HMC711LC5_1005 Datasheet
791Kb / 14P
GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC819LCS HITTITE-HMC819LCS Datasheet
1Mb / 16P
GaAs MMIC I/Q UPCONVERTER 17.7 - 23.6 GHz
logo
Analog Devices
ADMV1013 AD-ADMV1013 Datasheet
1Mb / 39P
Wideband, Microwave Upconverter
4/2019-Rev. 0 to Rev. A
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
24 GHz to 44 GHz, Wideband, Microwave Downconverter
4/2019-Rev. 0 to Rev. A
ADRF6780 AD-ADRF6780 Datasheet
871Kb / 35P
5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
1/2019-Rev. C to Rev. D
ADMV1139 AD-ADMV1139 Datasheet
90Kb / 2P
37 GHz to 48.2 GHz, 5G, Microwave Upconverter and Downconverter
ADMV4630 AD-ADMV4630 Datasheet
2Mb / 40P
14.0 GHz to 14.5 GHz, SATCOM, Ku Band Upconverter
Rev. A
ADMV1139A AD-ADMV1139A Datasheet
86Kb / 2P
37 GHz to 50 GHz, 5G, Microwave Upconverter and Downconverter
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com