Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX9331 Datasheet (PDF) - Semtech Corporation

SX9331 Datasheet PDF - Semtech Corporation
Part # SX9331
Download  SX9331 Download
File Size   964.65 Kbytes
Page   48 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description PerSe Connect, High Performance Small 5-ch. Capacitive Sensor

SX9331 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX9331 Datasheet PDF - Semtech Corporation

Part # SX9331
Download  SX9331 Click to download

File Size   964.65 Kbytes
Page   48 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description PerSe Connect, High Performance Small 5-ch. Capacitive Sensor

SX9331 Datasheet (HTML) - Semtech Corporation


SX9331 Product details

Features
• 2.7-3.6V Input Supply Voltage
• Up to 5 High Performance Capacitive Sensor Inputs
 Patented On-Chip Smart Engine For SAR
 Capacitance Resolution down to 1aF
 Capacitance Offset Compensation up to 220pF
 Multiple thresholds per sensing input
 Separate configurations per input
• Automatic Calibration
• Ultra-Low Power Consumption
 Active Mode: 27 uA
 Doze Mode: 7 uA
 Sleep Mode: 1.1 uA
• I2C Serial Interface
 2 Sub-Addresses Selectable by Pin
• Programmable Interrupt or Real-Time Status Pin
• -40°C to +85°C Operation
• Compact Size Package
 1.80 x 2.10 mm DFN
• Pb & Halogen Free, RoHS/WEEE compliant

Applications
• Mobile Phones
• Tablets
• Note books
• Wearables
• Industrial

Description
The SX9331 is a 5 channel smart capacitive proximity sensor for SAR (Specific Absorption Rate) as well as other demanding proximity and touch applications.
The SX9331 has a unique Smart Engine that is able to accurately discriminate between an inanimate object and human body which can be used to enhance SAR applications. The resulting detection is used in portable electronic devices to reduce and control radio-frequency (RF) emission power in the presence of a human body, enabling significant performance advantages for manufacturers of electronic devices with electro-magnetic radiation sources to meet stringent emission regulations' criteria and Specific Absorption Rate (SAR) standards.
Operating directly from an input supply voltage of 2.7-3.6V, the SX9331 outputs its data via I2C serial bus. The I2C serial communication bus port is compatible with 1.8V host control to report body detection/proximity and to facilitate parameter settings adjustment. Upon proximity detection, the NIRQ output asserts, enabling the user to either determine the relative proximity distance, or simply obtain an indication of detection.
The SX9331 includes an on-chip auto-calibration controller that regularly performs sensitivity adjustments to maintain peak performance over a wide variation of temperature, humidity and noise environments, providing simplified product development and enhanced performance.




Similar Part No. - SX9331

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX9331WQ SEMTECH-SX9331WQ Datasheet
1Mb / 48P
PerSe® Control, High Resolution, 5-ch. Touch/Proximity Sensor
Rev 0.4 July, 2024
SX9331WQEVKA SEMTECH-SX9331WQEVKA Datasheet
1Mb / 48P
PerSe® Control, High Resolution, 5-ch. Touch/Proximity Sensor
Rev 0.4 July, 2024
SX9331WQMINIEVKA SEMTECH-SX9331WQMINIEVKA Datasheet
1Mb / 48P
PerSe® Control, High Resolution, 5-ch. Touch/Proximity Sensor
Rev 0.4 July, 2024
SX9331WQRPTRT SEMTECH-SX9331WQRPTRT Datasheet
1Mb / 48P
PerSe® Control, High Resolution, 5-ch. Touch/Proximity Sensor
Rev 0.4 July, 2024
More results


Similar Description - SX9331

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31SE5100 ISSI-IS31SE5100 Datasheet
432Kb / 13P
8-CH CAPACITIVE TOUCH SENSOR WITH AUTO CALIBRATION
IS31SE5104 ISSI-IS31SE5104 Datasheet
402Kb / 13P
4-CH CAPACITIVE TOUCH SENSOR WITH AUTO CALIBRATION
logo
Unisonic Technologies
UCS221 UTC-UCS221 Datasheet
185Kb / 5P
1-CH DIFFERENTIAL SENSITIVITY CALIBRATION CAPACITIVE TOUCH SENSOR
logo
List of Unclassifed Man...
ANSG08 ETC2-ANSG08 Datasheet
1Mb / 40P
8-Ch Auto Sensitivity Calibration Capacitive Touch Sensor
logo
Turck, Inc.
BC5-QF5.5-AN6X2S250 TURCK-BC5-QF5.5-AN6X2S250 Datasheet
232Kb / 2P
Capacitive sensor
BC20-Q20-AN4X2 TURCK-BC20-Q20-AN4X2 Datasheet
212Kb / 2P
Capacitive sensor
logo
Pepperl+Fuchs Inc.
CBB4-12GH60-E2-V1 PF-CBB4-12GH60-E2-V1 Datasheet
256Kb / 2P
Capacitive sensor
CBB4-12GH70-E2 PF-CBB4-12GH70-E2 Datasheet
223Kb / 2P
Capacitive sensor
CBB8-18GS75-E2 PF-CBB8-18GS75-E2 Datasheet
113Kb / 1P
Capacitive sensor
CBN2-F46-E0 PF-CBN2-F46-E0 Datasheet
228Kb / 2P
Capacitive sensor
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com