Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX9331WQ Datasheet (PDF) - Semtech Corporation

SX9331WQ Datasheet PDF - Semtech Corporation
Part # SX9331WQ
Download  SX9331WQ Download
File Size   1148.61 Kbytes
Page   48 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description PerSe® Control, High Resolution, 5-ch. Touch/Proximity Sensor

SX9331WQ Datasheet (PDF)

Go To PDF Page Download Datasheet
SX9331WQ Datasheet PDF - Semtech Corporation

Part # SX9331WQ
Download  SX9331WQ Click to download

File Size   1148.61 Kbytes
Page   48 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description PerSe® Control, High Resolution, 5-ch. Touch/Proximity Sensor

SX9331WQ Datasheet (HTML) - Semtech Corporation


SX9331WQ Product details

Features
• 2.7-3.6V Input Supply Voltage
• Up to 5 High Performance Capacitive Sensors Inputs
Œ Patented On-Chip Smart Human Engine
Œ Capacitance Resolution down to 1aF
Œ Capacitance Offset Compensation up to 300pF
Œ Multiple thresholds per sensing input
Œ Separate configurations per input
• Automatic Calibration
• Up to 2 LED Drivers
Œ Up to 20mA Sink Current per IO
Œ Intensity Control (256-step PWM)
• Ultra-Low Power Consumption
Œ Active mode: 27 uA
Œ Doze Mode: 7 uA
Œ Sleep Mode: 1.1 uA
• I2C Serial Interface
Œ 2 Sub-Addresses Selectable by Pin
• Programmable Interrupt or Real-Time Status Pin
• -40°C to +105°C Operation
• Compact Size Package
Œ 1.60 x 1.60 mm QFN
Œ AEC-Q100 compatible (Grade 2)
Œ Wettable flank package
• Pb & Halogen Free, RoHS/WEEE compliant

Applications
• Automotive
• Industrial
• Telecom
• White goods

Description
The SX9331WQ is a 5 channel smart capacitive proximity sensor
for Smart Human Sensing as well as other demanding proximity
and touch applications.
It has a unique Smart Human Engine that is able to accurately
discriminate between an inanimate object and human body.
Operating directly from an input supply voltage of 2.7-3.6V,
the SX9331WQ outputs its data via I2C serial bus. The I2C
serial communication bus port is compatible with 1.8V host
control to report body detection/proximity and to facilitate
parameter settings adjustment. Upon proximity detection, the
NIRQ output asserts, enabling the user to either determine the
relative proximity distance, or simply obtain an indication of
detection.
The SX9331WQ includes an on-chip auto-calibration controller
that regularly performs sensitivity adjustments to maintain
peak performance over a wide variation of temperature,
humidity and noise environments, providing simplified product
development and enhanced performance.




Similar Part No. - SX9331WQ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX9331 SEMTECH-SX9331 Datasheet
964Kb / 48P
PerSe Connect, High Performance Small 5-ch. Capacitive Sensor
Rev. 2 April 21, 2023
SX9331EVKA SEMTECH-SX9331EVKA Datasheet
964Kb / 48P
PerSe Connect, High Performance Small 5-ch. Capacitive Sensor
Rev. 2 April 21, 2023
SX9331IULTRT SEMTECH-SX9331IULTRT Datasheet
964Kb / 48P
PerSe Connect, High Performance Small 5-ch. Capacitive Sensor
Rev. 2 April 21, 2023
SX9331MINIEVKA SEMTECH-SX9331MINIEVKA Datasheet
964Kb / 48P
PerSe Connect, High Performance Small 5-ch. Capacitive Sensor
Rev. 2 April 21, 2023
More results


Similar Description - SX9331WQ

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2CA OMRON-E2CA Datasheet
588Kb / 12P
Linear Output Proximity Sensor with High-accuracy Resolution
logo
Freescale Semiconductor...
MPR083 FREESCALE-MPR083 Datasheet
368Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR084 FREESCALE-MPR084 Datasheet
378Kb / 39P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X Datasheet
283Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR083 FREESCALE-MPR083_08 Datasheet
367Kb / 35P
Proximity Capacitive Touch Sensor Controller
MPR121 FREESCALE-MPR121 Datasheet
253Kb / 13P
Proximity Capacitive Touch Sensor Controller
MPR031 FREESCALE-MPR031 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
MPR03X FREESCALE-MPR03X_09 Datasheet
308Kb / 32P
Proximity Capacitive Touch Sensor Controller
logo
Vishay Siliconix
VCNL3036X01 VISHAY-VCNL3036X01 Datasheet
238Kb / 16P
High Resolution Digital Proximity Sensor With I2C Interface
12-Aug-2020
VCNL3036X01 VISHAY-VCNL3036X01_V01 Datasheet
239Kb / 16P
High Resolution Digital Proximity Sensor With I2C Interface
12-Aug-2020
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com